| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5014 Fiches technique(PDF) 34 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5014 Fiches technique(HTML) 34 Page - Cirrus Logic |
|
34 / 46 page ![]() HOLD HOLD SDATA SERIAL OUTPUT CS5016 (LSB) DATA BUS BIT 0 D0 SCLK SERIAL CLOCK DATA BUS BIT 1 D1 EOC END OF CONVERSION CS5014 (LSB) DATA BUS BIT 2 D2 EOT END OF TRACK DATA BUS BIT 3 D3 VD- NEGATIVE DIGITAL POWER CS5012 (LSB) DATA BUS BIT 4 D4 CAL CALIBRATE DATA BUS BIT 5 D5 INTRLV INTERLEAVE DATA BUS BIT 6 D6 BW BUS WIDTH SELECT DATA BUS BIT 7 D7 RST RESET DIGITAL GROUND DGND TST TEST POSITIVE DIGITAL POWER VD+ VA- NEGATIVE ANALOG POWER DATA BUS BIT 8 D8 REFBUF REFERENCE BUFFER OUTPUT DATA BUS BIT 9 D9 VREF VOLTAGE REFERENCE DATA BUS BIT 10 D10 AGND ANALOG GROUND DATA BUS BIT 11 D11 AIN ANALOG INPUT DATA BUS BIT 12 D12 VA+ POSITIVE ANALOG POWER DATA BUS BIT 13 D13 BP/UP BIPOLAR/UNIPOLAR SELECT DATA BUS BIT 14 D14 A0 READ ADDRESS (MSB) DATA BUS BIT 15 D15 RD READ CLOCK INPUT CLKIN CS CHIP SELECT HOLD D0 SDATA D1 SCLK D2 EOC D3 EOT D4 VD- D5 CAL D6 INTRLV NC BW D7 RST DGND TST VD+ VA- NC NC D8 REFBUF NC VREF D9 AGND D10 AIN D11 VA+ D12 BP/UP D13 A0 D14 RD D15 CS CLKIN CS5012A 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 CS5012 CS5014 CS5016 top view 18 20 22 24 26 28 1 2 4 640 42 44 12 8 10 14 16 7 9 11 13 15 17 29 31 33 35 37 39 34 30 32 36 38 CS5012A CS5012 CS5014 CS5016 NOTE: All pin references in this data sheet refer to the 40-pin DIP package numbering. Use this figure to determine pin numbers for 44-pin package. CS5012A, CS5014, CS5016 2-40 DS14F6 |