Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5016 Fiches technique(PDF) 41 Page - Cirrus Logic

No de pièce CS5016
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Fiches technique(HTML) 41 Page - Cirrus Logic

Back Button CS5016 Datasheet HTML 37Page - Cirrus Logic CS5016 Datasheet HTML 38Page - Cirrus Logic CS5016 Datasheet HTML 39Page - Cirrus Logic CS5016 Datasheet HTML 40Page - Cirrus Logic CS5016 Datasheet HTML 41Page - Cirrus Logic CS5016 Datasheet HTML 42Page - Cirrus Logic CS5016 Datasheet HTML 43Page - Cirrus Logic CS5016 Datasheet HTML 44Page - Cirrus Logic CS5016 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
CS5016 Ordering Guide
Signal to
Model
Linearity
Noise Ratio
Conversion Time
Temp. Range
Package
CS5016-JP32
.0030%
87 dB
32.50
µs
0 to 70
°C
40-Pin Plastic DIP
CS5016-JP16
.0030%
87 dB
16.25
µs
0 to 70
°C
40-Pin Plastic DIP
CS5016-KP32
.0015%
90 dB
32.50
µs
0 to 70
°C
40-Pin Plastic DIP
CS5016-KP16
.0015%
90 dB
16.25
µs
0 to 70
°C
40-Pin Plastic DIP
CS5016-JL32
.0030%
87 dB
32.50
µs
0 to 70
°C
44-Pin PLCC
CS5016-JL16
.0030%
87 dB
16.25
µs
0 to 70
°C
44-Pin PLCC
CS5016-KL32
.0015%
90 dB
32.50
µs
0 to 70
°C
44-Pin PLCC
CS5016-KL16
.0015%
90 dB
16.25
µs
0 to 70
°C
44-Pin PLCC
CS5016-AP32
.0030%
87 dB
32.50
µs
-40 to +85
°C
40-Pin Plastic DIP
CS5016-AP16
.0030%
87 dB
16.25
µs
-40 to +85
°C
40-Pin Plastic DIP
CS5016-BP32
.0015%
90 dB
32.50
µs
-40 to +85
°C
40-Pin Plastic DIP
CS5016-BP16
.0015%
90 dB
16.25
µs
-40 to +85
°C
40-Pin Plastic DIP
CS5016-AL32
.0030%
87 dB
32.50
µs
-40 to +85
°C
44-Pin PLCC
CS5016-AL16
.0030%
87 dB
16.25
µs
-40 to +85
°C
44-Pin PLCC
CS5016-BL32
.0015%
90 dB
32.50
µs
-40 to +85
°C
44-Pin PLCC
CS5016-BL16
.0015%
90 dB
16.25
µs
-40 to +85
°C
44-Pin PLCC
CS5016-SD16
.0076%
87 dB
16.25
µs
-55 to +125
°C
40-Pin CerDIP
CS5016-TD16
.0015%
90 dB
16.25
µs
-55 to +125
°C
40-Pin CerDIP
CS5016-SE16
.0076%
87 dB
16.25
µs
-55 to +125
°C
44-Pin Ceramic LCC
CS5016-TE16
.0015%
90 dB
16.25
µs
-55 to +125
°C
44-Pin Ceramic LCC
5962-8967601QA
.0076%
87 dB
16.25
µs
-55 to +125
°C
40-Pin CerDIP
5962-8967602QA
.0015%
90 dB
16.25
µs
-55 to +125
°C
40-Pin CerDIP
5962-8967601XA
.0076%
87 dB
16.25
µs
-55 to +125
°C
44-Pin Ceramic LCC
5962-8967602XA
.0015%
90 dB
16.25
µs
-55 to +125
°C
44-Pin Ceramic LCC
The following is a list of upgraded part numbers.
Discontinued
Equivalent
Part Number
Recommended Device
CS5016-SD16B
5962-8967601QA
CS5016-TD16B
5962-8967602QA
CS5016-SE16B
5962-8967601XA
CS5016-TE16B
5962-8967602XA
CS5012A, CS5014, CS5016
DS14F6
2-47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46