| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5016 Fiches technique(PDF) 5 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5016 Fiches technique(HTML) 5 Page - Cirrus Logic |
|
5 / 46 page ![]() CS5014 CS5014 ANALOG CHARACTERISTICS (continued) CS5014-K CS5014-B CS5014-S, T Parameter* Min Typ Max Min Typ Max Min Typ Max Units Specified Temperature Range 0 to +70 -40 to +85 -55 to +125 °C Analog Input Aperture Time 25 25 25 ns Aperture Jitter 100 100 100 ps Input Capacitance (Note 4) Unipolar Mode Bipolar Mode 275 165 375 220 275 165 375 220 275 165 375 220 pF pF Conversion & Throughput Conversion Time -14 (Notes 5 and 6) -28 14.25 28.5 14.25 28.5 14.25 28.5 µs µs Acquisition Time -14 (Note 6) -28 3.0 4.5 3.75 5.25 3.0 4.5 3.75 5.25 3.0 4.5 3.75 5.25 µs µs Throughput -14 (Note 6) -28 55.6 27.7 55.6 27.7 55.6 27.7 kHz kHz Power Supplies DC Power Supply Currents (Note 7) IA+ IA- ID+ ID- 9 -9 3 -3 19 -19 6 -6 9 -9 3 -3 19 -19 6 -6 9 -9 3 -3 19 -19 6 -6 mA mA mA mA Power Dissipation (Note 7) 120 250 120 250 120 250 mW Power Supply Rejection (Note 8) Positive Supplies Negative Supplies 84 84 84 84 84 84 dB dB DS14F6 2-11 |