| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD6P4BGS Fiches technique(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6P4BGS Fiches technique(HTML) 29 Page - Renesas Technology Corp |
|
29 / 34 page ![]() Data Sheet U13594EJ2V1DS00 27 µPD6P4B APPENDIX A. DEVELOPMENT TOOLS A PROM programmer, program adapter, and emulator are provided for the µPD6P4B. Hardware • PROM programmer (AF-9706Note, AF-9708Note, AF-9709Note) This PROM programmer supports the µPD6P4B. By connecting a program adapter to this PROM programmer, the µPD6P4B can be programmed. Note These are products of Ando Electric Co., Ltd. For details, consult Ando Electric Co., Ltd (03-3733-1163). • Program adapter (PA-61P34, PA-61P34BMC) It is used to program the µPD6P4B in combination with AF-9706, AF-9708, or AF-9709. The usable package differs depending on the program adapter. • PA-61P34 : µPD6P4BGS • PA-61P34BMC : µPD6P4BGS, µPD6P4BMC-5A4 • Emulator (EB-6133Note) It is used to emulate the µPD6P4B. Note This is a product of Naito Densei Machida Mfg. Co., Ltd. For details, consult Naito Densei Machida Mfg. Co., Ltd. (044-822-3813). Software • Assembler (AS6133) • This is a development tool for remote control transmitter software. Part Number List of AS6133 Host Machine OS Supply Medium Part Number PC-9800 series MS-DOSTM (Ver. 5.0 to Ver. 6.2) 3.5-inch 2HD µS5A13AS6133 (CPU: 80386 or more) IBM PC/ATTM compatible MS-DOS (Ver. 6.0 to Ver. 6.22) 3.5-inch 2HC µS7B13AS6133 PC DOSTM (Ver. 6.1 to Ver. 6.3) Caution Although Ver.5.0 or later has a task swap function, this function cannot be used with this software. |