Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LXT6155LE Fiches technique(PDF) 47 Page - Intel Corporation

No de pièce LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Fiches technique(HTML) 47 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 42Page - Intel Corporation LXT6155LE Datasheet HTML 43Page - Intel Corporation LXT6155LE Datasheet HTML 44Page - Intel Corporation LXT6155LE Datasheet HTML 45Page - Intel Corporation LXT6155LE Datasheet HTML 46Page - Intel Corporation LXT6155LE Datasheet HTML 47Page - Intel Corporation LXT6155LE Datasheet HTML 48Page - Intel Corporation LXT6155LE Datasheet HTML 49Page - Intel Corporation LXT6155LE Datasheet HTML 50Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
Datasheet
47
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
Figure 29. Typical Fiber Jitter Transfer
Note:
Measured with the device in remote loopback. Data reflects total jitter in both Tx and Rx path
-40
-30
-20
-10
0
10
1
10
100
1000
10000
100000 1000000
1E+07
Frequency [Hz]
Fiber mode
LXT6155 spec.
ITU G.825 spec.
f1
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50