Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LXT6155LE Fiches technique(PDF) 43 Page - Intel Corporation

No de pièce LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Fiches technique(HTML) 43 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 39Page - Intel Corporation LXT6155LE Datasheet HTML 40Page - Intel Corporation LXT6155LE Datasheet HTML 41Page - Intel Corporation LXT6155LE Datasheet HTML 42Page - Intel Corporation LXT6155LE Datasheet HTML 43Page - Intel Corporation LXT6155LE Datasheet HTML 44Page - Intel Corporation LXT6155LE Datasheet HTML 45Page - Intel Corporation LXT6155LE Datasheet HTML 46Page - Intel Corporation LXT6155LE Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
Datasheet
43
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
Figure 24. CMI Encoded Zero per G.703 and STS-3
Figure 25. CMI Encoded One per G.703 and STS-3
1ns
V
1ns
1 ns
1ns
1ns
1ns
T1818930-92
Positive transition at mid-unit interval
Negative transitions
(Note 1)
(Note 1)
(Note 1)
Nominal
pulse
Nominal
zero
level
(Note 2)
(Note 1)
0.60
0.55
0.50
0.45
0.40
0.05
–0.05
–0.40
–0.45
–0.55
–0.60
–0.50
0.1 ns
0.1 ns
0.35 ns
0.35 ns
0.1 ns
1.608 ns
1.608 ns
0.1 ns
T = 6.43 ns
1.608 ns
1.608 ns
1ns
V
1ns
1ns
T1818940-92
1ns
Positive transition
Negative transition
(Note 1)
(Note 1)
(Note 1)
Nominal
pulse
Nominal
zero
level
(Note 2)
0.60
0.55
0.50
0.45
0.40
0.05
–0.05
–0.40
–0.45
–0.55
–0.60
–0.50
0.1 ns
0.1 ns
3.215 ns
3.215 ns
1.2 ns
1.2 ns
1.608 ns
1.608 ns
0.5 ns 0.5 ns
T = 6.43 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50