| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5535-UDC Fiches technique(PDF) 74 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535-UDC Fiches technique(HTML) 74 Page - National Semiconductor (TI) |
|
74 / 555 page ![]() www.national.com 74 Revision 0.8 4.0 Module Functional Descriptions The modules that make up the Geode CS5535 (shown in gray in Figure 4-1) are: • GeodeLink Interface Unit • GeodeLink PCI South Bridge • GeodeLink Control Processor • ATA-5 Controller (IDE Controller multiplexed with Flash Interface) • Universal Serial Bus 1 Controller with Ports 1-1 and 1-2 • Universal Serial Bus 2 Controller with Ports 2-1 and 2-2 • Audio Codec 97 (AC97) Controller • Diverse Device The Low Voltage Detect (LVD) circuit is not a GeodeLink Device (GLD), but is connected to the PMC for voltage monitoring support. This section provides a functional description of each mod- ule. Figure 4-1. Module Block Diagram GeodeLink™ PCI South Bridge Geode™ GX2 Interface PCI Test/Reset Interface AC97 Controller External Audio ATA-5 Controller USB Controller #1 USB Controller #2 33 or 66 MHz Flash Interface 82xx PC Legacy MFGP Timers RTC & CMOS RAM UART (2) & IR (1) SMB Controller LPC Port Power Mgmnt External USB Ports 1-1 & 1-2 External USB Ports 2-1 & 2-2 GeodeLink™ Interface Unit External IDE/Flash GPIO Diverse Integration Logic (DIVIL) Diverse Device (DD) Low Voltage Detect (LVD) System Power Voltages Power Good for Power On Reset (POR) (GLPCI_SB) (GLIU) (USBC1) (USBC2) (ACC) (ATAC) GeodeLink™ Control Processor (GLCP) |