Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5535-UDC Fiches technique(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Fiches technique(HTML) 16 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 12Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 13Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 14Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 15Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 16Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 17Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 18Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 19Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 555 page
background image
www.national.com
16
Revision 0.8
Architecture Overview (Continued)
1.9
PROCESSOR SUPPORT / SYSTEM OVERVIEW
As previously stated, the CS5535 was designed to inter-
face with GX2 processor series. Figure 1-2 and Figure 1-3
show typical block diagrams for a WebPAD™ system and
thin client application based on the GX2 and CS5535.
Figure 1-2. Typical WebPAD™ System Block Diagram
USB
Port 2
USB
Port 3
Geode™
GX2
Geode™
CS5535
PCI1211
TPS2211
Cardbus
Socket
PADCard
Connector
CPLD
SDRAM
SODIMM
CE
Optional
Cardbus Controller
PCI
LPC Bus
LPC
XpressROM
M-Systems
LPC DiskOnChip
Compact
Flash
IDE
LVDS
TFT LCD
DSTN LCD
COP8™
2-Wire UART I/F
LM4549
LM4880
Mic In
Internal
Mic
Touchscreen
Interface
Headphone
LM3544
USB
Port 3
USB
Port 2
Power Section
AC
Cube
Charger
Includes:
LM2676
LM3430
LiIon
Battery
LM2633
CPU Core,
I/O, & Memory
LM2951
5V/3.3V
AC Adapter or Battery Power
Clock
Generator
for all clocks
Choose 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More