Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAEX Fiches technique(PDF) 5 Page - Linear Technology

No de pièce LAEX
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LAEX Fiches technique(HTML) 5 Page - Linear Technology

  LAEX Datasheet HTML 1Page - Linear Technology LAEX Datasheet HTML 2Page - Linear Technology LAEX Datasheet HTML 3Page - Linear Technology LAEX Datasheet HTML 4Page - Linear Technology LAEX Datasheet HTML 5Page - Linear Technology LAEX Datasheet HTML 6Page - Linear Technology LAEX Datasheet HTML 7Page - Linear Technology LAEX Datasheet HTML 8Page - Linear Technology LAEX Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
sn3020 3020fas
TEMPERATURE (°C)
–50
206
204
202
198
200
196
194
3020 G04
25
0
–25
50
75
125
100
IL = 1mA
ADJ Pin Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
0
1000
900
800
600
700
500
400
300
200
100
0
8
3020 G05
2
135
79
4
6
10
VOUT = 1.2V
IL = 0
TJ = 25°C
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
0
2500
2250
2000
1500
1750
1250
1000
750
500
250
0
8
3020 G06
2
135
79
4
6
10
VOUT = 1.2V
TJ = 25°C
RL = 12Ω
IL = 100mA
RL = 24Ω
IL = 50mA
RL = 120Ω
IL = 10mA
RL = 1.2k, IL = 1mA
Quiescent Current
GND Pin Current
TEMPERATURE (°C)
–50
1.830
1.820
1.810
1.800
1.790
1.780
1.770
25
75
3020 G22
–25
0
50
100
125
IL = 1mA
TEMPERATURE (°C)
–50
1.530
1.520
1.510
1.500
1.490
1.480
1.470
25
75
3020 G23
–25
0
50
100
125
IL = 1mA
TEMPERATURE (°C)
–50
1.230
1.220
1.210
1.200
1.190
1.180
1.170
25
75
3020 G24
–25
0
50
100
125
IL = 1mA
INPUT VOLTAGE (V)
1000
900
800
700
600
500
400
300
200
100
0
3020 G25
0123
4
5
67
8
9
10
VOUT = 1.8V (LT 3020-1.8)
IL = 0
TJ = 25°C
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
2500
2250
2000
1750
1500
1250
1000
750
500
250
0
3020 G26
0123
4
5
67
8
9
10
VOUT = 1.8V (LT 3020-1.8)
TJ = 25°C
RL = 18Ω
IL = 100mA
RL = 36Ω
IL = 50mA
RL = 180Ω
IL = 10mA
RL = 1.8k
IL = 1mA
INPUT VOLTAGE (V)
1000
900
800
700
600
500
400
300
200
100
0
3020 G27
0123
4
5
67
8
9
10
VOUT = 1.5V (LT 3020-1.5)
IL = 0
TJ = 25°C
VSHDN = VIN
VSHDN = 0V
Output Voltage
Output Voltage
Output Voltage
Quiescent Current
GND Pin Current
Quiescent Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com