| Moteur de recherche de fiches techniques de composants électroniques |
|
LAEX Fiches technique(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LAEX Fiches technique(HTML) 7 Page - Linear Technology |
|
7 / 16 page ![]() 7 LT3020/LT3020-1.2/ LT3020-1.5/LT3020-1.8 sn3020 3020fas TEMPERATURE (°C) –50 1.1 1.0 0.9 0.8 0.6 0.7 0.5 0.4 0.3 0.2 0.1 0 3020 G16 25 0 –25 50 75 125 100 IL = 100mA TEMPERATURE (°C) –50 1.0 0.8 0.6 0.2 0.4 0 –0.2 –0.4 –0.6 –0.8 –1.0 3020 G17 25 0 –25 50 75 125 100 VIN = 1.15V VOUT = 0.5V *LOAD REGULATION NUMBER REFERS TO CHANGE IN THE 200mV REFERENCE VOLTAGE Minimum Input Voltage Load Regulation ∆IL = 1mA to 100mA Output Noise Spectral Density RMS Output Noise vs Load Current (10Hz to 100kHz) TYPICAL PERFOR A CE CHARACTERISTICS TEMPERATURE (°C) –50 100 90 80 60 70 50 40 30 20 10 0 3020 G15 25 0 –25 50 75 125 100 VIN = 1.5V + 0.5VP-P RIPPLE AT f = 120Hz VOUT = 0.5V IL = 100mA FREQUENCY (Hz) 10 10 1 0.1 0.01 1k 100k 1M 100 10k 3020 G18 VOUT = 1.2V IL = 100mA COUT = 2.2µF LOAD CURRENT (mA) 300 250 200 150 100 50 0 0.01 1 10 100 3020 G19 0.1 VOUT = 1.2V COUT = 2.2µF No-Load Recovery Threshold OUTPUT OVERSHOOT (%) 0 18 16 12 14 10 8 6 4 2 0 3020 G20 15 10 5 20 Transient Response VOUT 50mV/DIV IOUT 100mA/DIV 50µs/DIV 3020 G21 IOUT = 10mA TO 100mA VOUT = 1.5V Input Ripple Rejection |