| Moteur de recherche de fiches techniques de composants électroniques |
|
PC3H2CD Fiches technique(PDF) 12 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC3H2CD Fiches technique(HTML) 12 Page - Sharp Corporation |
|
12 / 13 page ![]() Sheet No.: D2-A01101EN 12 ■ Package specification ● Tape and Reel package Package materials Carrier tape : PS Cover tape : PET (three layer system) Reel : PS Carrier tape structure and Dimensions F K E I D J G L A 12.0±0.3 B 5.5±0.1 C 1.75±0.1 D 8.0±0.1 E 2.0±0.1 H 7.5±0.1 I 0.3±0.05 J 2.3±0.1 K 3.1±0.1 F 4.0±0.1 G φ1.5+0.1 −0 L φ1.6+0.1 −0 Dimensions List (Unit : mm) a e g f b d a 330 b 13.5±1.5 c 100±1.0 d 13±0.5 e 23±1.0 f 2.0±0.5 g 2.0±0.5 Dimensions List (Unit : mm) Pull-out direction [Packing : 3 000pcs/reel] Reel structure and Dimensions Direction of product insertion PC3H2 Series |