| Moteur de recherche de fiches techniques de composants électroniques |
|
PC3H2CD Fiches technique(PDF) 11 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC3H2CD Fiches technique(HTML) 11 Page - Sharp Corporation |
|
11 / 13 page ![]() Sheet No.: D2-A01101EN Solvent cleaning: Solvent temperature should be 45˚C or below Immersion time should be 3minutes or less Ultrasonic cleaning: The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time, size of PCB and mounting method of the device. Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of mass production. Recommended solvent materials: Ethyl alcohol, Methyl alcohol and Isopropyl alcohol In case the other type of solvent materials are intended to be used, please make sure they work fine in ac- tual using conditions since some materials may erode the packaging resin. ● Cleaning instructions This product shall not contain the following materials. And they are not used in the production process for this device. Regulation substances:CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform) Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all. ● Presence of ODC 11 PC3H2 Series |