Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L3914A Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce L3914A
Description  SPEECH AND 14 MEMORY DIALER WITH HOLD FUNCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3914A Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button L3914A Datasheet HTML 7Page - STMicroelectronics L3914A Datasheet HTML 8Page - STMicroelectronics L3914A Datasheet HTML 9Page - STMicroelectronics L3914A Datasheet HTML 10Page - STMicroelectronics L3914A Datasheet HTML 11Page - STMicroelectronics L3914A Datasheet HTML 12Page - STMicroelectronics L3914A Datasheet HTML 13Page - STMicroelectronics L3914A Datasheet HTML 14Page - STMicroelectronics L3914A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
0016572
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.65
0.104
a1
0.1
0.3
0.004
0.012
b
0.35
0.49
0.014
0.019
b1
0.23
0.32
0.009
0.013
C
0.5
0.020
c1
45
° (typ.)
D
17.7
18.1
0.697
0.713
E
10
10.65
0.394
0.419
e
1.27
0.050
e3
16.51
0.65
F
7.4
7.6
0.291
0.299
L
0.4
1.27
0.016
0.050
S8
° (max.)
SO28 PACKAGE MECHANICAL DATA
L3914A - L3924A - L3934A
13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15