Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRF103 Fiches technique(PDF) 3 Page - Teledyne Technologies Incorporated

No de pièce GRF103
Description  HIGH REPEATABILITY,SMT DPDT, BROADBAND 6 GHz,CENTIGRID® RELAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

GRF103 Fiches technique(HTML) 3 Page - Teledyne Technologies Incorporated

  GRF103 Datasheet HTML 1Page - Teledyne Technologies Incorporated GRF103 Datasheet HTML 2Page - Teledyne Technologies Incorporated GRF103 Datasheet HTML 3Page - Teledyne Technologies Incorporated GRF103 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2021 TELEDYNE RELAYS
(800) 284-7007 • www.teledynedefenseelectronics.com
Page 3
Series GRF100/GRF103
SPDT Non-Latching
DC-6 GHz, RF Relay
GRF100\GRF103\092021
TYPICAL RF CHARACTERISTICS (See RF Notes)
RF NOTES
1. Test conditions: a. Fixture: .031" copper clad, reinforced PTFE, RT/duroid® 6002 with SMA connectors.
(RT/duroid® is a registered trademark of Rogers Corporation.)
b. RF ground shield is soldered to PCB RF ground plane.
c. Room ambient temperature.
d. Terminals not tested were terminated with 50-ohm load.
e. Contact signal level: –10 dBm.
f. No. of test samples: 2.
2. Data presented herein represents typical characteristics and is not intended for use as specification limits.
3. Data is per pole, except for pole-to-pole data.
4. Data is the average from readings taken on all open contacts.
5. Data is the average from readings taken on poles with coil energized and de-energized.
6. Data is the average from readings taken on all closed contacts.
7. Test fixture effect de-embedded from frequency and time response data.
Isolation Across Contacts (RF Note 4)
-60
-50
-40
-30
-20
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
Frequency (MHz)
Isolation Pole to Pole (RF Note 5)
-70
-60
-50
-40
-30
-20
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
Frequency (MHz)
Insertion Loss (RF Note 6)
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
Frequency (MHz)
VSWR (RF Note 6)
1.00
1.40
1.80
2.20
2.60
3.00
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
6000
Frequency (MHz)
GRF100 Time Response (RF Note 6)
-0.1
0.1
0.3
0.5
0.7
0.9
1.1
-100
0
100
200
300
400
500
600
700
800
900
Time (ps)
10%
90%
37ps reference
54.7ps pulse rise time
82.8ps propagation delay time



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com