Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRF103 Fiches technique (PDF) - Teledyne Technologies Incorporated

GRF103 Datasheet PDF - Teledyne Technologies Incorporated
No de pièce GRF103
Télécharger  GRF103 Télécharger
Taille du fichier   494.28 Kbytes
Page   4 Pages
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description HIGH REPEATABILITY,SMT DPDT, BROADBAND 6 GHz,CENTIGRID® RELAYS

GRF103 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
GRF103 Datasheet PDF - Teledyne Technologies Incorporated

No de pièce GRF103
Télécharger  GRF103 Click to download

Taille du fichier   494.28 Kbytes
Page   4 Pages
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description HIGH REPEATABILITY,SMT DPDT, BROADBAND 6 GHz,CENTIGRID® RELAYS

GRF103 Fiches technique (HTML) - Teledyne Technologies Incorporated


GRF103 Détails du produit

DESCRIPTION
The ultraminiature GRF100 and GRF103 relays
are designed to provide a practical surface-mount
solution with improved RF signal repeatability over the
frequency range. GRF100 and GRF103 relays feature
a unique ground shield that isolates and shields each
lead to ensure excellent contact-to-contact and poleto-
pole isolation. This ground shield provides a ground
interface that results in improved high-frequency
performance as well as parametric repeatability.
The GRF100 and GRF103 extend performance
advantages over similar RF devices that simply offer
formed leads for surface mounting.
These relays are engineered for use in RF attenuator,
RF switch matrices, ATE and other applications that
require dependable high frequency signal fidelity and
performance.

The GRF100 and SGRF103 feature:
• High repeatability
• Broader bandwidth
• Metal enclosure for EMI shielding
• High isolation between control and signal paths
• High resistance to ESD
The following unique construction features and
manufacturing techniques provide excellent robustness
to environmental extremes and overall high reliability:
• Uniframe motor design provides high magnetic
efficiency and mechanical rigidity
• Minimum mass components and welded construction
provide maximum resistance to shock and vibration
• Advanced cleaning techniques provide maximum
assurance of internal cleanliness
• Gold-plated precious metal alloy contacts ensure
reliable switching
• Hermetically sealed
• RoHS Compliant




Numéro de pièce similaire - GRF103

FabricantNo de pièceFiches techniqueDescription
logo
Samtec, Inc
GRF1-C SAMTEC-GRF1-C Datasheet
508Kb / 1P
50W GANGED MICRO-MINI RF CABLE
GRF1-C-J-02-E-RA-TH1-E SAMTEC-GRF1-C-J-02-E-RA-TH1-E Datasheet
225Kb / 1P
50W GANGED MICRO-MINI RF SYSTEMS
GRF1-C-J-02-E-ST-TH1-E SAMTEC-GRF1-C-J-02-E-ST-TH1-E Datasheet
225Kb / 1P
50W GANGED MICRO-MINI RF SYSTEMS
GRF1-C-J-04-E-RA-TH1-E SAMTEC-GRF1-C-J-04-E-RA-TH1-E Datasheet
225Kb / 1P
50W GANGED MICRO-MINI RF SYSTEMS
GRF1-C-J-04-E-ST-TH1-E SAMTEC-GRF1-C-J-04-E-ST-TH1-E Datasheet
225Kb / 1P
50W GANGED MICRO-MINI RF SYSTEMS
More results


Description similaire - GRF103

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
RF300 ETC1-RF300 Datasheet
283Kb / 4P
HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
logo
Teledyne Technologies I...
SGRF303 TELEDYNE-SGRF303 Datasheet
1,022Kb / 8P
SURFACE MOUNT HIGH REPEATABILITY, BROADBAND TO-5 RELAYS DPDT
GRF300 TELEDYNE-GRF300 Datasheet
1Mb / 10P
SURFACE MOUNT HIGH REPEATABILITY,BROADBAND TO-5 RELAYS DPDT
06/2021
GRF700 TELEDYNE-GRF700 Datasheet
441Kb / 5P
SURFACE MOUNT HIGH REPEATABILITY, BROADBAND TO-5 RELAYS DPDT DC-4 GHz
07/2021
RF300 TELEDYNE-RF300 Datasheet
874Kb / 8P
HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
07/2021
S114 TELEDYNE-S114 Datasheet
399Kb / 4P
CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S134 TELEDYNE-S134 Datasheet
352Kb / 6P
CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS SENSITIVE DPDT
08/2018
S172 TELEDYNE-S172 Datasheet
492Kb / 3P
CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
SGRF300 TELEDYNE-SGRF300 Datasheet
1Mb / 9P
SURFACE MOUNT HIGH REPEATABILITY,BROADBAND 6GHz,TO-5 DPDT RELAYS
2022
SRF300 TELEDYNE-SRF300 Datasheet
1Mb / 7P
SURFACE MOUNT HIGH REPEATABILITY,BROADBAND 6GHz,TO-5 DPDT RELAYS
2022
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com