Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6714TR Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce L6714TR
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714TR Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button L6714TR Datasheet HTML 42Page - STMicroelectronics L6714TR Datasheet HTML 43Page - STMicroelectronics L6714TR Datasheet HTML 44Page - STMicroelectronics L6714TR Datasheet HTML 45Page - STMicroelectronics L6714TR Datasheet HTML 46Page - STMicroelectronics L6714TR Datasheet HTML 47Page - STMicroelectronics L6714TR Datasheet HTML 48Page - STMicroelectronics L6714TR Datasheet HTML 49Page - STMicroelectronics L6714TR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
Soft start
L6714
46/70
15.3
Low-Side-Less startup
In order to avoid any kind of negative undershoot on the load side during start-up, L6714
performs a special sequence in enabling LS driver to switch: during the soft-start phase, the
LS driver results disabled (LS=OFF) until the HS starts to switch. This avoid the dangerous
negative spike on the output voltage that can happen if starting over a pre-biased output
(See Figure 17).
This particular feature of the device masks the LS turn-on only from the control loop point of
view: protections are still allowed to turn-ON the LS MOSFET in case of over voltage if
needed.
Figure 17. Low-Side-Less start-up comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70