Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6714 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce L6714
Description  4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6714 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button L6714 Datasheet HTML 2Page - STMicroelectronics L6714 Datasheet HTML 3Page - STMicroelectronics L6714 Datasheet HTML 4Page - STMicroelectronics L6714 Datasheet HTML 5Page - STMicroelectronics L6714 Datasheet HTML 6Page - STMicroelectronics L6714 Datasheet HTML 7Page - STMicroelectronics L6714 Datasheet HTML 8Page - STMicroelectronics L6714 Datasheet HTML 9Page - STMicroelectronics L6714 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
Pin settings
L6714
6/70
2
Pin settings
2.1
Connections
Figure 2.
Pin connection (Through top view)
60
59
58
57
56
55
54
53
52
51
50
49
21
22
23
24
25
26
27
28
29
30
31
32
48 47 46 45 44 43 42 41 40 39 38 37
123456789
10 11 12
DROOP
FB
COMP
CS4+
CS4-
CS2+
CS2-
CS3+
CS3-
CS1+
CS1-
OFFSET
PGND1
PGND3
LGATE3
VCCDR3
VCCDR2
LGATE2
PGND2
PGND4
LGATE4
VCCDR4
SGND
TM
L6714
36 35 34 33
17
18
19
20
OUTEN
SSOSC / REF
SGND
VSEN
13 14 15 16
64
63
62
61
N.C.
PHASE1
VCCDR1
LGATE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70