Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GWIXC1100BDT Fiches technique(PDF) 58 Page - Intel Corporation

No de pièce GWIXC1100BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXC1100BDT Fiches technique(HTML) 58 Page - Intel Corporation

Back Button GWIXC1100BDT Datasheet HTML 54Page - Intel Corporation GWIXC1100BDT Datasheet HTML 55Page - Intel Corporation GWIXC1100BDT Datasheet HTML 56Page - Intel Corporation GWIXC1100BDT Datasheet HTML 57Page - Intel Corporation GWIXC1100BDT Datasheet HTML 58Page - Intel Corporation GWIXC1100BDT Datasheet HTML 59Page - Intel Corporation GWIXC1100BDT Datasheet HTML 60Page - Intel Corporation GWIXC1100BDT Datasheet HTML 61Page - Intel Corporation GWIXC1100BDT Datasheet HTML 62Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
58
Document Number: 252479, Revision: 005
AA1
HSS_RXDATA0
AB1
HSS_TXDATA1
AC1
VSS
AD1
ETH_TXCLK0
AA2
VCCP
AB2
HSS_RXDATA1
AC2
ETH_TXDATA0[0]
AD2
ETH_RXDV0
AA3
VSS
AB3
ETH_TXDATA0[3]
AC3
VCCP
AD3
VSS
AA4
HSS_RXCLK1
AB4
ETH_TXDATA0[1]
AC4
VCC
AD4
ETH_CRS0
AA5
ETH_TXDATA0[2]
AB5
VSS
AC5
ETH_RXDATA0[0]
AD5
ETH_MDC
AA6
VCC
AB6
ETH_RXCLK0
AC6
VSS
AD6
ETH_TXDATA1[0]
AA7
ETH_RXDATA0[1]
AB7
VCCP
AC7
VCC
AD7
ETH_RXDATA1[3]
AA8
VSS
AB8
ETH_TXDATA1[2]
AC8
ETH_RXDATA1[2]
AD8
ETH_RXCLK1
AA9
ETH_TXDATA1[1]
AB9
ETH_RXDATA1[1]
AC9
VCC
AD9
VSS
AA10
VCC
AB10
VCCP
AC10
VCC
AD10
VSSOSCP
AB11
VCCP
AC11
VCCOSCP
AD11
VCCP
AB12
VSS
AC12
VCC
AD12
PLL_LOCK
AB13
UTP_OP_DATA[7]
AC13
RESET_IN_N
AD13 PWRON_RESET_N
AB14
VCCP
AC14
VCC
AD14
UTP_OP_DATA[4]
AB15
UTP_OP_SOC
AC15 UTP_OP_DATA[1] AD15
UTP_OP_DATA[2]
AB16
VSS
AC16
UTP_OP_FCI
AD16
VSS
AA17
VCC
AB17
UTP_IP_DATA[6]
AC17 UTP_OP_ADDR[1] AD17
UTP_OP_ADDR[3]
AA18
UTP_IP_FCI
AB18
VCCP
AC18
VCC
AD18
UTP_IP_DATA[7]
AA19 UTP_IP_ADDR[0] AB19
UTP_IP_CLK
AC19
UTP_IP_DATA[2]
AD19
VCCP
AA20
VSS
AB20
UTP_IP_ADDR[1]
AC20
UTP_IP_SOC
AD20
UTP_IP_DATA[1]
AA21
VCC
AB21 SCANTESTMODE_N AC21
VCC
AD21
UTP_IP_ADDR[4]
AA22
TXDATA1
AB22
VCCP
AC22
JTG_TRST_N
AD22
VSS
AA23
VSS
AB23
CTS0_N
AC23
VCC
AD23
JTG_TDO
AA24
GPIO[3]
AB24
CTS1_N
AC24
RXDATA0
AD24
VSS
AA25
VSS
AB25
VCCP
AC25
RTS1_N
AD25
TXDATA0
AA26
GPIO[7]
AB26
GPIO[4]
AC26
GPIO[2]
AD26
RTS0_N
Table 21.
Ball Map Assignment for the Intel® IXP425 Network Processor (Sheet 6 of 7)
Ball
Signal
Ball
Signal
Ball
Signal
Ball
Signal
Note:
Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and
requirements, see Section 3.0, “Functional Signal Descriptions” on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More