Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GWIXC1100BDT Fiches technique(PDF) 95 Page - Intel Corporation

No de pièce GWIXC1100BDT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXC1100BDT Fiches technique(HTML) 95 Page - Intel Corporation

Back Button GWIXC1100BDT Datasheet HTML 91Page - Intel Corporation GWIXC1100BDT Datasheet HTML 92Page - Intel Corporation GWIXC1100BDT Datasheet HTML 93Page - Intel Corporation GWIXC1100BDT Datasheet HTML 94Page - Intel Corporation GWIXC1100BDT Datasheet HTML 95Page - Intel Corporation GWIXC1100BDT Datasheet HTML 96Page - Intel Corporation GWIXC1100BDT Datasheet HTML 97Page - Intel Corporation GWIXC1100BDT Datasheet HTML 98Page - Intel Corporation GWIXC1100BDT Datasheet HTML 99Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
95
5.5.2
Bus Signal Timings
The AC timing waveforms are shown in the following sections.
5.5.2.1
PCI
Note:
VHI = 0.6 VCC and VLOW = 0.2 VCC
Figure 16.
PCI Output Timing
A9572-01
CLK
Output
Delay
Tclk2out(b)
Vlow
Vhi
Figure 17.
PCI Input Timing
A9573-01
CLK
Input
Inputs
Valid
Thold
Tsetup(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More