| Moteur de recherche de fiches techniques de composants électroniques |
|
DM10DY102KO3-RHR02 Fiches technique(PDF) 2 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM10DY102KO3-RHR02 Fiches technique(HTML) 2 Page - Sharma Electro Components,Inc |
|
2 / 18 page ![]() Quick Reference Guide SHARMA DESIGNATION DM 05 DM 10 DM 12 DM 15 MIL STYLE - Discontinued - CM 04 - CM 05 CAPACITANCE RANGE pF 1 to 390 1 to 390 1 to 2500 1 to 1200 MAXIMUM 50 V DC 390 820 - 2500 CAPACITANCE 100 V DC 200 390 2500 2000 IN pF IN THE 300 V DC 120 360 820 2000 RATED 500 V DC - 250 430 750 VOLTAGE 1000 V DC* - - - - INDICATED MAXIMUM L 0.270 0.390 0.413 0.490 NOMINAL W 0.250 0.380 0.433 0.420 DIMENSIONS IN T 0.190 0.220 0.220 0.240 INCHES B 0.120 0.141 0.200 0.234 MAXIMUM L 6.86 9.91 10.49 12.45 NOMINAL W 6.35 9.65 11.00 10.67 DIMENSIONS IN T 4.83 5.59 5.59 6.10 mm B 3.05 3.58 5.08 5.94 SHARMA DESIGNATION DM 19 DM 20 DM 30 DM 42 MIL STYLE - Discontinued CM 06 - CM 07 - CAPACITANCE RANGE pF 1 to 8200 680 to 12,000 5100 to 20,000 16000 to 82000 MAXIMUM 50 V DC - - - - CAPACITANCE 100 V DC 8200 12000 - 82000 IN pF IN THE 300 V DC 6800 12000 20000 68000 RATED 500 V DC 5100 10000 20000 51000 VOLTAGE 1000 V DC* 4700 - 12000 30000 INDICATED MAXIMUM L 0.710 0.820 0.830 1.470 NOMINAL W 0.590 0.630 0.920 0.920 DIMENSIONS IN T 0.370 0.450 0.450 0.450 INCHES B 0.344 0.438 0.438 1.063 MAXIMUM L 18.03 20.83 21.08 37.34 NOMINAL W 14.99 16.00 23.37 23.37 DIMENSIONS IN T 9.40 11.43 11.43 11.43 mm B 8.74 11.13 11.13 27.00 DM Series General Specifications by Case Size * Available as special part. MICA CAPACITORS 330 - 430 Sharma Mica Capacitors Page 2 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |