| Moteur de recherche de fiches techniques de composants électroniques |
|
DM10DY102KO3-RHR02 Fiches technique(PDF) 9 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM10DY102KO3-RHR02 Fiches technique(HTML) 9 Page - Sharma Electro Components,Inc |
|
9 / 18 page ![]() CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 18 C 9.14 8.38 4.83 20 - 24 E 9.14 8.38 4.83 27 E 9.40 8.38 4.83 30 - 36 E 9.40 8.64 4.83 39 E 9.40 8.64 4.83 9.40 8.64 4.83 9.14 8.38 4.83 43 E 9.40 8.64 4.83 9.40 8.64 4.83 9.40 8.38 4.83 47 - 68 E 9.40 8.64 4.83 9.40 8.64 4.83 9.40 8.64 4.83 75 E 9.40 8.64 5.08 9.40 8.64 4.83 9.40 8.64 4.83 82 E 9.40 8.89 5.08 9.40 8.64 4.83 9.40 8.64 4.83 91 - 100 F 9.40 8.89 5.08 9.40 8.89 5.08 9.40 8.64 4.83 110 F 9.65 8.89 5.08 9.40 8.89 5.08 9.40 8.64 4.83 120 F 9.65 8.89 5.08 9.40 8.89 5.08 9.40 8.64 5.08 130 F 9.65 9.14 5.08 9.65 8.89 5.08 9.40 8.89 5.08 150 F 9.65 9.14 5.33 9.65 8.89 5.08 9.40 8.89 5.08 160 F 9.65 9.14 5.33 9.65 9.14 5.08 9.40 8.89 5.08 180 F 9.91 9.40 5.33 9.65 9.14 5.33 9.65 8.89 5.08 200 F 9.91 9.40 5.59 9.65 9.14 5.33 9.65 8.89 5.08 220 F 9.91 9.40 5.59 9.91 9.40 5.33 9.65 9.14 5.33 240 - 250 F 9.91 9.65 5.59 9.91 9.40 5.59 9.65 9.14 5.33 270 F 9.91 9.65 5.59 9.65 9.40 5.33 300 F 9.91 9.65 5.59 9.91 9.40 5.33 330 F 10.16 9.91 5.84 9.91 9.40 5.59 360 F 10.16 9.91 5.84 9.91 9.65 5.59 390 - 400 F 9.91 9.65 5.59 430 - 680 F 10.16 9.91 5.84 750 - 820* F 10.16 9.91 5.84 CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 18 C 0.360 0.330 0.190 20 - 24 E 0.360 0.330 0.190 27 E 0.370 0.330 0.190 30 - 36 E 0.370 0.340 0.190 39 E 0.370 0.340 0.190 0.370 0.340 0.190 0.360 0.330 0.190 43 E 0.370 0.340 0.190 0.370 0.340 0.190 0.370 0.330 0.190 47 - 68 E 0.370 0.340 0.190 0.370 0.340 0.190 0.370 0.340 0.190 75 E 0.370 0.340 0.200 0.370 0.340 0.190 0.370 0.340 0.190 82 E 0.370 0.350 0.200 0.370 0.340 0.190 0.370 0.340 0.190 91 - 100 F 0.370 0.350 0.200 0.370 0.350 0.200 0.370 0.340 0.190 110 F 0.380 0.350 0.200 0.370 0.350 0.200 0.370 0.340 0.190 120 F 0.380 0.350 0.200 0.370 0.350 0.200 0.370 0.340 0.200 130 F 0.380 0.360 0.200 0.380 0.350 0.200 0.370 0.350 0.200 150 F 0.380 0.360 0.210 0.380 0.350 0.200 0.370 0.350 0.200 160 F 0.380 0.360 0.210 0.380 0.360 0.200 0.370 0.350 0.200 180 F 0.390 0.370 0.210 0.380 0.360 0.210 0.380 0.350 0.200 200 F 0.390 0.370 0.220 0.380 0.360 0.210 0.380 0.350 0.200 220 F 0.390 0.370 0.220 0.390 0.370 0.210 0.380 0.360 0.210 240 - 250 F 0.390 0.380 0.220 0.390 0.370 0.220 0.380 0.360 0.210 270 F 0.390 0.380 0.220 0.380 0.370 0.210 300 F 0.390 0.380 0.220 0.390 0.370 0.210 330 F 0.400 0.390 0.230 0.390 0.370 0.220 360 F 0.400 0.390 0.230 0.390 0.380 0.220 390 - 400 F 0.390 0.380 0.220 430 - 680 F 0.400 0.390 0.230 750 - 820* F 0.400 0.390 0.230 DM 10 / CM04 Mica Capacitors DM10 CM04 Case Dimensions in Millimeters Lead Spacing: 3.57 ± 0.8mm DM10 CM04 Case Dimensions in Inches Lead Spacing: 0.141 ± 0.031” * Available only in 50 V rating. Note: Values above 390 pF - available on special order only Note: Bold Outlined Sections indicate SHARMA Standard items. DIMENSIONS: LL = 31.75 mm (1.25”) min. Sharma Mica Capacitors Page 9 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |