Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFH7779 Fiches technique(PDF) 39 Page - ams AG

No de pièce SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Fiches technique(HTML) 39 Page - ams AG

Back Button SFH7779 Datasheet HTML 34Page - ams AG SFH7779 Datasheet HTML 35Page - ams AG SFH7779 Datasheet HTML 36Page - ams AG SFH7779 Datasheet HTML 37Page - ams AG SFH7779 Datasheet HTML 38Page - ams AG SFH7779 Datasheet HTML 39Page - ams AG SFH7779 Datasheet HTML 40Page - ams AG SFH7779 Datasheet HTML 41Page - ams AG SFH7779 Datasheet HTML 42Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
39 | Version 1.7 | 2023-05-24
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on our website.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of
transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we
shall have to invoice you for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
Our components are not developed, constructed or tested for the application as safety relevant component
or for the application in medical devices.
Our products are not qualified at module and system level for such application.
In case buyer – or customer supplied by buyer – considers using our components in product safety devices/
applications or medical devices/applications, buyer and/or customer has to inform our local sales partner
immediately and we and buyer and /or customer will analyze and coordinate the customer-specific request
between us and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42