Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFH7779 Fiches technique(PDF) 22 Page - ams AG

No de pièce SFH7779
Description  Ambient Light and Proximity Sensor with Integrated 940nm IR Emitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

SFH7779 Fiches technique(HTML) 22 Page - ams AG

Back Button SFH7779 Datasheet HTML 18Page - ams AG SFH7779 Datasheet HTML 19Page - ams AG SFH7779 Datasheet HTML 20Page - ams AG SFH7779 Datasheet HTML 21Page - ams AG SFH7779 Datasheet HTML 22Page - ams AG SFH7779 Datasheet HTML 23Page - ams AG SFH7779 Datasheet HTML 24Page - ams AG SFH7779 Datasheet HTML 25Page - ams AG SFH7779 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
SFH 7779
DATASHEET
DATASHEET
22 | Version 1.7 | 2023-05-24
SYSTEM_CONTROL register (0x40h)
The SYSTEM_CONTROL register is used to control the software (SW) reset and the interrupt function (INT).
Manufacturer ID and Part ID can be read.
R/W-Register 0x40
Bit
7
6
5
4
3
2
1
0
SW reset
INT reset
Manufacturer ID (Read
only)
Part ID (Read
only)
default 0 Initial reset is not
started
0 INT pin status is not initialized
001
001
0 Initial reset is not
started
0 INT pin status is not initialized
1 Initial reset started
1 INT pin become inactive (high
impedance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42