| Moteur de recherche de fiches techniques de composants électroniques |
|
FWIXPEAD0SE000 Fiches technique(PDF) 29 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
FWIXPEAD0SE000 Fiches technique(HTML) 29 Page - Intel Corporation |
|
29 / 226 page ![]() Intel® LXT9785 and Intel® LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers Datasheet 31 Document Number: 249241 Revision Number: 007 Revision Date: August 28, 2003 3.1.3 PQFP Pin Assignments – SS-SMII Configuration Figure 4 and Table 4, “Intel® LXT9785/LXT9785 SS-SMII PQFP Pin List” on page 32 provide the LXT9785/LXT9785E SS-SMII PQFP pin assignments. Figure 4. Intel® LXT9785/LXT9785E SS-SMII 208-Pin PQFP Assignments N/C ......1 N/CLINKHOLD ......2 N/C ......3 TxData6 ......4 N/C ......5 REFCLK1 ......6 RxData5 ......7 N/C ......8 GNDIO ......9 N/C ......10 FIFOSEL1 ......11 N/C ......12 TxData5 ......13 N/C ......14 RxData4 ......15 N/C ......16 RxSYNC1 ......17 VCCIO ......18 GNDIO ......19 FIFOSEL0 ......20 RxCLK1 ......21 TxData4 ......22 N/C ......23 MDC1 ......24 MDIO1 ......25 MDINT1 ......26 RxData3 ......27 N/C ......28 VCCIO ......29 GNDIO ......30 N/C ......31 TxCLK0 ......32 N/C ......33 TxData3 ......34 TxSYNC0 ......35 RxData2 ......36 N/C ......37 GNDIO ......38 N/C ......39 PREASEL ......40 N/C ......41 TxData2 ......42 N/C ......43 REFCLK0 ......44 RxData1 ......45 N/C ......46 VCCIO ......47 GNDIO ......48 N/C ......49 PAUSE ......50 N/C ......51 TxData1 ......52 156.........TPFIN7 155.........GNDR7 154.........TPFOP7 153.........TPFON7 152.........VCCT6/7 151.........TPFON6 150.........TPFOP6 149.........GNDR6 148.........GNDT6/7 147.........TPFIN6 146.........TPFIP6 145.........VCCR6 144.........VCCR5 143.........TPFIP5 142.........TPFIN5 141.........GNDR5 140.........TPFOP5 139.........TPFON5 138.........VCCT4/5 137.........TPFON4 136.........TPFOP4 135.........GNDR4 134.........GNDT4/5 133.........TPFIN4 132.........TPFIP4 131.........VCCR4 130.........VCCR3 129.........TPFIP3 128.........TPFIN3 127.........GNDT2/3 126.........GNDR3 125.........TPFOP3 124.........TPFON3 123.........VCCT2/3 122.........TPFON2 121.........TPFOP2 120.........GNDR2 119.........TPFIN2 118.........TPFIP2 117.........VCCR2 116.........VCCR1 115.........TPFIP1 114.........TPFIN1 113.........GNDT0/1 112.........GNDR1 111.........TPFOP1 110.........TPFON1 109.........VCCT0/1 108.........TPFON0 107.........TPFOP0 106.........GNDR0 105.........TPFIN0 LXT9785/9785E XX XXXXXX XXXXXXXX Part # LOT # FPO # Rev # |