Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWIXPEAD0SE000 Fiches technique(PDF) 78 Page - Intel Corporation

No de pièce FWIXPEAD0SE000
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXPEAD0SE000 Fiches technique(HTML) 78 Page - Intel Corporation

Back Button FWIXPEAD0SE000 Datasheet HTML 74Page - Intel Corporation FWIXPEAD0SE000 Datasheet HTML 75Page - Intel Corporation FWIXPEAD0SE000 Datasheet HTML 76Page - Intel Corporation FWIXPEAD0SE000 Datasheet HTML 77Page - Intel Corporation FWIXPEAD0SE000 Datasheet HTML 78Page - Intel Corporation FWIXPEAD0SE000 Datasheet HTML 79Page - Intel Corporation FWIXPEAD0SE000 Datasheet HTML 80Page - Intel Corporation FWIXPEAD0SE000 Datasheet HTML 81Page - Intel Corporation FWIXPEAD0SE000 Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 226 page
background image
LXT9785 and LXT9785E Advanced 8-Port 10/100 Mbps PHY Transceivers
80
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
M15 RESET
I, ST, IP
Table 32 (page 90)
M16 TCK
I, ST, ID
Table 31 (page 89)
M17 TRST
I, ST, IP
Table 31 (page 89)
N1
ADD_1
I, ST, ID
Table 32 (page 90)
N2
ADD_0
I, ST, ID
Table 32 (page 90)
N3
TxSLEW_0
I, ST, ID
Table 32 (page 90)
N4
SD1
I
Table 29 (page 88)
N5
SD3
I
Table 29 (page 88)
N6
VCCT
–
Table 34 (page 95)
N7
VCCT
–
Table 34 (page 95)
N8
No Ball
–
–
N9
VCCT
–
Table 34 (page 95)
N10 No Ball
–
–
N11 VCCT
–
Table 34 (page 95)
N12 VCCT
–
Table 34 (page 95)
N13 VCCR
–
Table 34 (page 95)
N14 TDI
I, ST, IP
Table 31 (page 89)
N15 TDO
O, TS
Table 31 (page 89)
N16 TMS
I, ST, IP
Table 31 (page 89)
N17 SD7
I
Table 29 (page 88)
P1
SD_2P5V
I, ST, ID
Table 29 (page 88)
P2
SD0
I
Table 29 (page 88)
P3
SD2
I
Table 29 (page 88)
P4
VCCR
–
Table 34 (page 95)
P5
GNDR
–
Table 34 (page 95)
P6
GNDR
–
Table 34 (page 95)
P7
VCCR
–
Table 34 (page 95)
P8
VCCR
–
Table 34 (page 95)
P9
VCCR
–
Table 34 (page 95)
P10 VCCR
–
Table 34 (page 95)
P11 VCCR
–
Table 34 (page 95)
P12 VCCR
–
Table 34 (page 95)
P13 GNDR
–
Table 34 (page 95)
P14 GNDT
–
Table 34 (page 95)
P15 SD4
I
Table 29 (page 88)
P16 SD5
I
Table 29 (page 88)
P17 SD6
I
Table 29 (page 88)
R1
GNDT
–
Table 34 (page 95)
Ball Symbol
Type1
Reference for
Full Description
R2
TPFIP0
AO/AI
Table 30 (page 88)
R3
GNDT
–
Table 34 (page 95)
R4
TPFON1
AO/AI
Table 30 (page 88)
R5
GNDT
–
Table 34 (page 95)
R6
TPFIP2
AO/AI
Table 30 (page 88)
R7
GNDR
–
Table 34 (page 95)
R8
TPFIN3
AO/AI
Table 30 (page 88)
R9
GNDR
–
Table 34 (page 95)
R10 TPFON4
AO/AI
Table 30 (page 88)
R11 GNDR
–
Table 34 (page 95)
R12 TPFIP6
AO/AI
Table 30 (page 88)
R13 GNDR
–
Table 34 (page 95)
R14 TPFOP7
AO/AI
Table 30 (page 88)
R15 GNDT
–
Table 34 (page 95)
R16 TPFIP7
AO/AI
Table 30 (page 88)
R17 GNDT
–
Table 34 (page 95)
T1
TPFIN0
AO/AI
Table 30 (page 88)
T2
TPFOP0
AO/AI
Table 30 (page 88)
T3
TPFOP1
AO/AI
Table 30 (page 88)
T4
TPFIN1
AO/AI
Table 30 (page 88)
T5
TPFIN2
AO/AI
Table 30 (page 88)
T6
TPFOP2
AO/AI
Table 30 (page 88)
T7
TPFON3
AO/AI
Table 30 (page 88)
T8
TPFIP3
AO/AI
Table 30 (page 88)
T9
TPFIP4
AO/AI
Table 30 (page 88)
T10 TPFOP4
AO/AI
Table 30 (page 88)
T11 TPFOP5
AO/AI
Table 30 (page 88)
T12 TPFIN5
AO/AI
Table 30 (page 88)
T13 TPFIN6
AO/AI
Table 30 (page 88)
T14 TPFOP6
AO/AI
Table 30 (page 88)
T15 TPFON7
AO/AI
Table 30 (page 88)
T16 TPFIN7
AO/AI
Table 30 (page 88)
T17 GNDT
–
Table 34 (page 95)
U1
TPFON0
AO/AI
Table 30 (page 88)
U2
GNDT
–
Table 34 (page 95)
U3
TPFIP1
AO/AI
Table 30 (page 88)
U4
GNDT
–
Table 34 (page 95)
U5
TPFON2
AO/AI
Table 30 (page 88)
Ball Symbol
Type1
Reference for
Full Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More