Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GWCSSRM1.CC Fiches technique(PDF) 24 Page - ams AG

No de pièce GWCSSRM1.CC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.CC Fiches technique(HTML) 24 Page - ams AG

Back Button GWCSSRM1.CC Datasheet HTML 18Page - ams AG GWCSSRM1.CC Datasheet HTML 19Page - ams AG GWCSSRM1.CC Datasheet HTML 20Page - ams AG GWCSSRM1.CC Datasheet HTML 21Page - ams AG GWCSSRM1.CC Datasheet HTML 22Page - ams AG GWCSSRM1.CC Datasheet HTML 23Page - ams AG GWCSSRM1.CC Datasheet HTML 24Page - ams AG GWCSSRM1.CC Datasheet HTML 25Page - ams AG GWCSSRM1.CC Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Version 1.5 (not for new design)
GW CSSRM1.CC
Disclaimer
Disclaimer
Language
english
will
prevail
in
case
of
any
discrepancies or deviations between the two language
wordings.
Attention please!
The information describes the type of component and
shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact
our Sales Organization.
If printed or downloaded, please find the latest version
in the Internet.
Packing
Please use the recycling operators known to you. We
can also help you – get in touch with your nearest sales
office.
By agreement we will take packing material back, if it is
sorted. You must bear the costs of transport. For
packing material that is returned to us unsorted or which
we are not obliged to accept, we shall have to invoice
you for any costs incurred.
Components used in life-support devices or
systems must be expressly authorized for such
purpose!
Critical components* may only be used in life-support
devices** or systems with the express written approval
of OSRAM OS.
*) A critical component is a component used in a
life-support device or system whose failure can
reasonably be expected to cause the failure of that
life-support device or system, or to affect its safety or
the effectiveness of that device or system.
**) Life support devices or systems are intended (a) to
be implanted in the human body, or (b) to support
and/or maintain and sustain human life. If they fail, it is
reasonable to assume that the health and the life of the
user may be endangered.
Bei
abweichenden
Angaben
im
zweisprachigen
Wortlaut haben die Angaben in englischer Sprache
Vorrang.
Bitte beachten!
Lieferbedingungen
und
Änderungen
im
Design
vorbehalten. Aufgrund technischer Anforderungen
können die Bauteile Gefahrstoffe enthalten. Für weitere
Informationen zu gewünschten Bauteilen, wenden Sie
sich bitte an unseren Vertrieb. Falls Sie dieses
Datenblatt ausgedruckt oder heruntergeladen haben,
finden Sie die aktuellste Version im Internet.
Verpackung
Benutzen
Sie
bitte
die
Ihnen
bekannten
Recyclingwege. Wenn diese nicht bekannt sein sollten,
wenden Sie
sich bitte
an
das nächstgelegene
Vertriebsbüro. Wir nehmen das Verpackungsmaterial
zurück, falls dies vereinbart wurde und das Material
sortiert ist. Sie tragen die Transportkosten. Für
Verpackungsmaterial,
das
unsortiert
an
uns
zurückgeschickt wird oder das wir nicht annehmen
müssen, stellen wir Ihnen die anfallenden Kosten in
Rechnung.
Bauteile, die in lebenserhaltenden Apparaten und
Systemen eingesetzt werden, müssen für diese
Zwecke ausdrücklich zugelassen sein!
Kritische
Bauteile*
dürfen
in
lebenserhaltenden
Apparaten und Systemen** nur dann eingesetzt
werden, wenn ein schriftliches Einverständnis von
OSRAM OS vorliegt.
*) Ein kritisches Bauteil ist ein Bauteil, das in
lebenserhaltenden
Apparaten
oder
Systemen
eingesetzt wird und dessen Defekt voraussichtlich zu
einer
Fehlfunktion
dieses
lebenserhaltenden
Apparates
oder
Systems
führen
wird oder
die
Sicherheit oder Effektivität dieses Apparates oder
Systems beeinträchtigt.
**) Lebenserhaltende Apparate oder Systeme sind für
(a) die Implantierung in den menschlichen Körper oder
(b) für die Lebenserhaltung bestimmt. Falls Sie
versagen, kann davon ausgegangen werden, dass die
Gesundheit und das Leben des Patienten in Gefahr ist.
2018-05-10
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26