Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GWCSSRM1.CC Fiches technique(PDF) 17 Page - ams AG

No de pièce GWCSSRM1.CC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.CC Fiches technique(HTML) 17 Page - ams AG

Back Button GWCSSRM1.CC Datasheet HTML 13Page - ams AG GWCSSRM1.CC Datasheet HTML 14Page - ams AG GWCSSRM1.CC Datasheet HTML 15Page - ams AG GWCSSRM1.CC Datasheet HTML 16Page - ams AG GWCSSRM1.CC Datasheet HTML 17Page - ams AG GWCSSRM1.CC Datasheet HTML 18Page - ams AG GWCSSRM1.CC Datasheet HTML 19Page - ams AG GWCSSRM1.CC Datasheet HTML 20Page - ams AG GWCSSRM1.CC Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Version 1.5 (not for new design)
GW CSSRM1.CC
Note:
For superior solder joint connectivity results we
recommend soldering under standard nitrogen
atmosphere. For further information please refer
to our Application Note “Handling and Processing
Details for Ceramic LEDs“.
Anm.:
Um eine verbesserte Lötstellenkontaktierung zu
erreichen, empfehlen wir, unter Standard-
Stickstoffatmosphäre zu löten. Weitere
Informationen finden Sie in der Applikationsschrift
„Handling and Processing Details for Ceramic
LEDs“.
2018-05-10
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26