| Moteur de recherche de fiches techniques de composants électroniques |
|
CS53L21 Fiches technique(PDF) 36 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS53L21 Fiches technique(HTML) 36 Page - Cirrus Logic |
|
36 / 66 page ![]() 36 DS700PP1 CS53L21 4.10.3 Memory Address Pointer (MAP) The MAP byte comes after the address byte and selects the register to be read or written. Refer to the pseudo code above for implementation details. 4.10.3.1 Map Increment (INCR) The device has MAP auto-increment capability enabled by the INCR bit (the MSB) of the MAP. If INCR is set to 0, MAP will stay constant for successive I²C writes or reads and SPI writes. If INCR is set to 1, MAP will auto-increment after each byte is read or written, allowing block reads or writes of successive registers. |