Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB53L21 Fiches technique(PDF) 9 Page - Cirrus Logic

No de pièce CDB53L21
Description  Evaluation Board for CS53L21
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Fiches technique(HTML) 9 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 5Page - Cirrus Logic CDB53L21 Datasheet HTML 6Page - Cirrus Logic CDB53L21 Datasheet HTML 7Page - Cirrus Logic CDB53L21 Datasheet HTML 8Page - Cirrus Logic CDB53L21 Datasheet HTML 9Page - Cirrus Logic CDB53L21 Datasheet HTML 10Page - Cirrus Logic CDB53L21 Datasheet HTML 11Page - Cirrus Logic CDB53L21 Datasheet HTML 12Page - Cirrus Logic CDB53L21 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
DS700DB1
9
CDB53L21
2.2
ADC Configuration Tab
The “ADC Configuration” tab provides high-level control of all setup configurations for the CS53L21. Status
text detailing the ADC’s specific configuration is shown in parenthesis or appears directly below the associ-
ated control. This text will change depending on the setting of the associated control. A description of each
control group is outlined below (a description of each register is included in the CS53L21 data sheet):
Power Control - Includes all register controls for powering down specific circuits within the CS53L21.
ADC input Configuration - Includes controls for the internal MUX, analog input, microphone bias output and
channel mix.
Serial Port Configuration - Includes controls for all settings related to the transmission and relationship of
data and clocks within the CS53L21.
Update - Reads all registers in the CS53L21 and reflects the current values in the GUI.
Reset - Resets the CS53L21.
Figure 2. ADC Configuration Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33