Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB53L21 Fiches technique(PDF) 6 Page - Cirrus Logic

No de pièce CDB53L21
Description  Evaluation Board for CS53L21
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Fiches technique(HTML) 6 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 2Page - Cirrus Logic CDB53L21 Datasheet HTML 3Page - Cirrus Logic CDB53L21 Datasheet HTML 4Page - Cirrus Logic CDB53L21 Datasheet HTML 5Page - Cirrus Logic CDB53L21 Datasheet HTML 6Page - Cirrus Logic CDB53L21 Datasheet HTML 7Page - Cirrus Logic CDB53L21 Datasheet HTML 8Page - Cirrus Logic CDB53L21 Datasheet HTML 9Page - Cirrus Logic CDB53L21 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
DS700DB1
CDB53L21
1.9
Stand-Alone Switches
The “FPGA H/W Control” and “CS53L21 H/W Control” switches control all Hardware Mode options.
Section 3. “Hardware Mode Control” on page 13 provides a description of each topology.
1.10
Control Port Connectors
A graphical user interface is available for the CDB53L21, allowing easy manipulation of each register. This
GUI interfaces with the CDB via the RS-232 or USB connectors and controls all Software Mode options.
Section 2. “Software Mode Control” on page 7 provides a description of the Graphical User Interface (GUI).
1.10.1
RS-232 and USB Connectors
Connecting a cable to the RS-232 connector or the USB 1.0/2.0 connector and launching the Cirrus
FlexGUI software enables the CDB53L21 in Software Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33