| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9923ABBCZ Fiches technique(PDF) 84 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9923ABBCZ Fiches technique(HTML) 84 Page - Analog Devices |
|
84 / 88 page ![]() AD9923A Rev. 0 | Page 84 of 88 Table 57. Field Registers Address (Hex) Data Bits Default Value Update Type Name Description 00 [4:0] Undefined VD SEQ0 Selected V-sequence for first region in the field. [9:5] Undefined SEQ1 Selected V-sequence for second region in the field. [14:10] Undefined SEQ2 Selected V-sequence for third region in the field . [19:15] Undefined SEQ3 Selected V-sequence for fourth region in the field. [24:20] Undefined SEQ4 Selected V-sequence for fifth region in the field. 01 [4:0] Undefined VD SEQ5 Selected V-sequence for sixth region in the field. [9:5] Undefined SEQ6 Selected V-sequence for seventh region in the field. [14:10] Undefined SEQ7 Selected V-sequence for eighth region in the field. [19:15] Undefined SEQ8 Selected V-sequence for ninth region in the field. 02 [1:0] Undefined VD MULT_SWEEP0 Enables multiplier mode and/or sweep mode for Region 0. 0: multiplier off/sweep off. 1: multiplier off/sweep on. 2: multiplier on/sweep off. 3: multiplier on/sweep on. [3:2] Undefined MULT_SWEEP1 Enables multiplier mode and/or sweep mode for Region 1. [5:4] Undefined MULT_SWEEP2 Enables multiplier mode and/or sweep mode for Region 2. [7:6] Undefined MULT_SWEEP3 Enables multiplier mode and/or sweep mode for Region 3. [9:8] Undefined MULT_SWEEP4 Enables multiplier mode and/or sweep mode for Region 4. [11:10] Undefined MULT_SWEEP5 Enables multiplier mode and/or sweep mode for Region 5. [13:12] Undefined MULT_SWEEP6 Enables multiplier mode and/or sweep mode for Region 6. [15:14] Undefined MULT_SWEEP7 Enables multiplier mode and/or sweep mode for Region 7. [17:16] Undefined MULT_SWEEP8 Enables multiplier mode and/or sweep mode for Region 8. 03 [11:0] Undefined VD SCP0 V-Sequence Change Position 0. [12] Undefined Unused Must be set to 0. [24:13] Undefined SCP1 V-Sequence Change Position 1. 04 [11:0] Undefined VD SCP2 V-Sequence Change Position 2. [12] Undefined Unused Must be set to 0. [24:13] Undefined SCP3 V-Sequence Change Position 3. 05 [11:0] Undefined VD SCP4 V-Sequence Change Position 4. [12] Undefined Unused Must be set to 0. [24:13] Undefined SCP5 V-Sequence Change Position 5. 06 [11:0] Undefined VD SCP6 V-Sequence Change Position 6. [12] Undefined Unused Must be set to 0. [24:13] Undefined SCP7 V-Sequence Change Position 7. 07 [11:0] Undefined VD SCP8 V-Sequence Change Position 8. [12] Undefined Unused Must be set to 0. [24:13] Undefined VDLEN VD field length (number of lines in the field). 08 [12:0] Undefined VD HDLAST HD last line length. Line length of last line in the field. [25:13] Undefined VSTARTSECOND Start position for second V-pattern on SG active line. 09 [4:0] Undefined VD VPATSECOND Selected second V-pattern group for SG active line. [20:5] Undefined SGMASK Masking of VSG outputs during SG active line. 0A [23:0] Undefined VD SGPATSEL Selection of VSG patterns for each VSG output. 0B [11:0] Undefined VD SGACTLINE1 SG Active Line 1. [12] Undefined Unused Must be set to 0. [24:13] Undefined SGACTLINE2 SG Active Line 2. |