| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9923ABBCZ Fiches technique(PDF) 62 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9923ABBCZ Fiches technique(HTML) 62 Page - Analog Devices |
|
62 / 88 page ![]() AD9923A Rev. 0 | Page 62 of 88 Table 43. Standby Mode Operation—Vertical and Shutter Outputs Output Standby 3 (Default)1, 2 OUTCONTROL = Low Standby 23, 4 Standby 13, 4 XV1 Low Low Low Low XV2 Low Low Low Low XV3 Low Low Low Low XV4 Low Low Low Low XV5 Low Low Low Low XV6 Low Low Low Low XV7 Low Low Low Low XV8 Low Low Low Low XV9 Low Low Low Low XV10 Low Low Low Low XV11 Low Low Low Low XV12 Low Low Low Low XV13 Low Low Low Low VSG1 Low High High High VSG2 Low High High High VSG3 Low High High High VSG4 Low High High High VSG5 Low High High High VSG6 Low High High High VSG7 Low High High High VSG8 Low High High High XSUBCK Low High High High VSUB5 Low Low Low Low MSHUT5 Low Low Low Low STROBE5 Low Low Low Low 1 Polarities for vertical and shutter outputs when the AD9923 is in Standby 3 mode are programmable using the STANDBY3POL register, Address 0xE2 (default register value = 0x000000). 2 Bit assignments for the STANDBY3POL[23:0] register (Address 0xE2): (MSB) STROBE, MSHUT, VSUB, XSUBCK, VSG8, VSG7, VSG6, VSG3, VSG5, VSG4, VSG2, VSG1, XV13, XV12, XV11, XV10, XV9, XV8, XV7, XV6, XV5, XV4, XV3, XV2, and XV1 (LSB). 3 Polarities for vertical outputs when the AD9923 is in Standby 1, Standby 2, or if OUTCONTROL = low, are programmable using the STANDBY12POL register, Address 0xF3 (default register value = 0x3FE000) 4 Bit assignments for the STANDBY12POL[20:0] register (Address 0xF3): (MSB) XSUBCK, VSG8, VSG7, VSG6, VSG3, VSG5, VSG4, VSG2, VSG1, XV13, XV12, XV11, XV10, XV9, XV8, XV7, XV6, XV5, XV4, XV3, XV2, and XV1 (LSB). 5 VSUB, MSHUT, and STROBE polarities for Standby 1, Standby 2, or if OUTCONTROL = low are controlled by STANDBY3POL. |