| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9381/PCB Fiches technique(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9381/PCB Fiches technique(HTML) 25 Page - Analog Devices |
|
25 / 44 page ![]() AD9381 Rev. 0 | Page 25 of 44 Hex Address Read/Write or Read Only Bits Default Value Register Name Description 0xD2 Read [7:0] ISRC1_PB8 ISRC1_PB8. 0xD3 Read [7:0] ISRC1_PB9 ISRC1_PB9. 0xD4 Read [7:0] ISRC1_PB10 ISRC1_PB10. 0xD5 Read [7:0] ISRC1_PB11 ISRC1_PB11. 0xD6 Read [7:0] ISRC1_PB12 ISRC1_PB12. 0xD7 Read [6:0] NDF New data flags (see 0x87). 0xD8 Read [7:0] ISRC1_PB13 ISRC1_PB13. 0xD9 Read [7:0] ISRC1_PB14 ISRC1_PB14. 0xDA Read [7:0] ISRC1_PB15 ISRC1_PB15. 0xDB Read [7:0] ISRC1_PB16 ISRC1_PB16. 0xDC Read [7:0] ISRC2 Packet Byte 0 ISRC2 Packet Byte 0 (ISRC2_PB0). This is transmitted only when the ISRC_ continue bit (Register 0xC8, Bit 7) is set to 1. 0xDD Read [7:0] ISRC2_PB1 ISRC2_PB1. 0xDE Read [7:0] ISRC2_PB2 ISRC2_PB2. 0xDF Read [6:0] New Data Flags New data flags (see 0x87). 0xE0 Read [7:0] ISRC2_PB3 ISRC2_PB3. 0xE1 Read [7:0] ISRC2_PB4 ISRC2_PB4. 0xE2 Read [7:0] ISRC2_PB5 ISRC2_PB5. 0xE3 Read [7:0] ISRC2_PB6 ISRC2_PB6. 0xE4 Read [7:0] ISRC2_PB7 ISRC2_PB7. 0xE5 Read [7:0] ISRC2_PB8 ISRC2_PB8. 0xE6 Read [7:0] ISRC2_PB9 ISRC2_PB9. 0xE7 Read [6:0] New Data Flags New data flags (see 0x87). 0xE8 Read [7:0] ISRC2_PB10 ISRC2_PB10. 0xE9 Read [7:0] ISRC2_PB11 ISRC2_PB11. 0xEA Read [7:0] ISRC2_PB12 ISRC2_PB12. 0xEB Read [7:0] ISRC2_PB13 ISRC2_PB13. 0xEC Read [7:0] ISRC2_PB14 ISRC2_PB14. 0xED Read [7:0] ISRC2_PB15 ISRC2_PB15. 0xEE Read [7:0] ISRC2_PB16 ISRC2_PB16. |