| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9381/PCB Fiches technique(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9381/PCB Fiches technique(HTML) 38 Page - Analog Devices |
|
38 / 44 page ![]() AD9381 Rev. 0 | Page 38 of 44 SERIAL INTERFACE READ/WRITE EXAMPLES Write to one control register: Read from one control register: • Start signal • Start signal • Slave address byte (R/W • Slave address byte (R/ bit = low) • Base address byte • Data byte to base address • Stop signal Write to four consecutive control registers: • Start signal • Slave address byte (R/W bit = low) • Base address byte • Data byte to base address • Data byte to (base address + 1) • Data byte to (base address + 2) • Data byte to (base address + 3) • Stop signal W bit = low) • Base address byte • Start signal • Slave address byte (R/W bit = high) • Data byte from base address • Stop signal Read from four consecutive control registers: • Start signal • Slave address byte (R/W bit = low) • Base address byte • Start signal • Slave address byte (R/W bit = high) • Data byte from base address • Data byte from (base address + 1) • Data byte from (base address + 2) • Data byte from (base address + 3) • Stop signal BIT 7 ACK BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 SDA SCL Figure 10. Serial Interface—Typical Byte Transfer |