| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5850-CSDF-256 Fiches technique(PDF) 7 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5850-CSDF-256 Fiches technique(HTML) 7 Page - ams AG |
|
7 / 10 page ![]() Document Feedback AS585xB Ordering Information Short Datasheet • PUBLIC DS001023 • v1-00 • 2021-Apr-08 9 │ 6 2 Ordering Information Ordering Code Package Marking Delivery Form Delivery Quantity AS5850-CSDF-240 (1) Die, 240 Channels Device AS5850-CSDF-240 Die on Foil 8 inch wafer AS5850-CSDF-256 (1) Die, 256 Channels Device AS5850-CSDF-256 Die on Foil 8 inch wafer AS5850A-CCFT-240 (1) A-type Chip on Flex (COF), 240 Channels AS5850A-CCFT-240 Reel 1500 flex/reel AS5850A-CCFT-256 A-type Chip on Flex (COF), 256 Channels AS5850A-CCFT-256 Reel 1500 flex/reel AS5850B-CCFR-256 B-type Chip on Flex (COF), 256 Channels AS5850B-CCFR-256 Tray 240 flex/package AS5851B-CCFR-256 B-type Chip on Flex (COF), 256 Channels AS5851B-CCFR-256 Tray 240 flex/package AS5852B-CCFR-256 B-type Chip on Flex (COF), 256 Channels AS5852B-CCFR-256 Tray 240 flex/package (1) Availability of these devices upon request, subject to ams approval. The B-type Flex corresponds to the FZC design described in sections 9.3, 9.4 and chapter 10 of the full AS505xB datasheet. The A-type Flex corresponds to the FUC design, not described in the AS505xB datasheet. |