| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5850-CSDF-256 Fiches technique(PDF) 6 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5850-CSDF-256 Fiches technique(HTML) 6 Page - ams AG |
|
6 / 10 page ![]() Document Feedback AS585xB General Description Short Datasheet • PUBLIC DS001023 • v1-00 • 2021-Apr-08 9 │ 5 1.3 Block Diagram The functional blocks of this device are shown below: Figure 2 : Functional Blocks of AS585xB ADC CVREF Voltage reference generator SPI and configuration SCLK SDI SDO CS_N DOUT_P DOUT_N DCLK_P DCLK_N LVDS Interface Temperature sensor RESET_N ACLK SYNC DOUT_START FPGA TFT PANEL 0 1 CSA CSA CONV_DONE FILT x128 CDS ADC CSA CSA FILT CDS AS585xB Chip-on-Flex 254 255 LPF Caps x4 x4 LPF Caps x4 x4 Built-in Diagnostic |