| Moteur de recherche de fiches techniques de composants électroniques |
|
MC68340 Fiches technique(PDF) 88 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 Fiches technique(HTML) 88 Page - Freescale Semiconductor, Inc |
|
88 / 441 page ![]() MOTOROLA MC68340 USER’S MANUAL 3- 39 asserted, the A31–A0, FCx, SIZx, and R/ W signals are again driven to their previous states. The MC68340 does not service interrupt requests while it is halted. CLKOUT S0 S2 S4 R/W AS DS HALT S0 S2 S4 BR BG BGACK S0 READ HALT (ARBITRATION PERMITTED WHILE THE PROCESSOR IS HALTED) READ DSACKx A31–A0 FC3–FC0 D15–D10 Figure 3-21. HALT Timing 3.5.4 Double Bus Fault A double bus fault results when a bus error or an address error occurs during the exception processing sequence for any of the following: • A previous bus error • A previous address error • A reset For example, the MC68340 attempts to stack several words containing information about the state of the machine while processing a bus error exception. If a bus error exception Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |