| Moteur de recherche de fiches techniques de composants électroniques |
|
SC7283 Fiches technique(PDF) 76 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SC7283 Fiches technique(HTML) 76 Page - Sitronix Technology Co., Ltd. |
|
76 / 89 page ![]() SC7283 Version 1.0 Page 76 of 89 2018/11 10.2 Parallel 24-bit RGB with 3-wire SPI TESTI2 DCLK DR[7:0] DG[7:0] DB[7:0] TESTI1 DCLK GND GND HSYNC VSYNC DE HSYNC VSYNC DE PARA_SERI VDDI VDPOL HDPOL DCLKPOL VDDI VDDI VDDI 24- Bit RGB DATA Digital Block AUTODL SCL SDA CS GRB DISP GPIO OTP Auto Refresh Control SCL SDA CS RESET GPIO Display On/Off Control SPI_I2C_SEL VDDI VDIR HDIR VDDI VDDI Pin Connection Description TESTI[2:1] Those pins connect to “L”. PARA_SERI= “H” Parallel 24-bit RGB interface VDPOL= “H” VSYNC negative polarity HDPOL= “H” HSYNC negative polarity DCLKPOL= “H” DCLK negative polarity SPI_I2C_SEL= “H” 3-Wire SPI VDIR= “H” Vertical scan direction= L1->L2->......... ->L(last line) HDIR= “H” Horizontal scan direction= Y1->Y2->......->Y(last data) Note: For detailed pin description please refer to section 6.1 PIN DESCRIPTION. |