Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADG2188BCPZ-R2 Fiches technique(PDF) 28 Page - Analog Devices

No de pièce ADG2188BCPZ-R2
Description  IC CMOS 8 횞 8 Unbuffered Analog Switch Array with Dual/Single Supplies
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADG2188BCPZ-R2 Fiches technique(HTML) 28 Page - Analog Devices

Back Button ADG2188BCPZ-R2 Datasheet HTML 20Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 21Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 22Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 23Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 24Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 25Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 26Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 27Page - Analog Devices ADG2188BCPZ-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ADG2188
Rev. 0 | Page 28 of 28
NOTES
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05897-0-4/06(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28