Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC89E58A Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce MPC89E58A
Description  8-bit micro-controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MPC89E58A Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  MPC89E58A Datasheet HTML 1Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 2Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 3Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 4Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
MEGAWIN
MPC89E58A Technical Summary
5
P3.5 (T1)
P3.6 (/WR)
P3.7 (/RD)
15
16
17
17
18
19
11
12
13
keep the port high.
Port3 also serves
other special functions of this device.
P3.0 and P3.1 act as receiver and
transceiver of the data for UART function
block,
Alias RXD and TXD.
P3.2 and P3.3 also act as external
interrupt sources, alias INT0 and INT1.
P3.4 and P3.5 also act as event sources
for timer0 and timer1 individually, alias
T0 and T1.
P3.6 also acts as write signal while
access to external memory, alias /WR.
P3.7 also acts as read signal while
access to external memory, alias /RD.
P4.0
P4.1
P4.2 (/INT3)
P4.3 (/INT2)
23
34
1
12
17
28
39
6
BU
Port4 is extended I/O ports such like
Port1. It can be available only on
44L-PLCC and 44L-PQFP package.
RESET
9
10
4
IS
A high on this pin for at least two
machine cycles will reset the device.
ALE
30
33
27
O
Output pulse for latching the low byte of
address during accesses to external
memory.
/PSEN
29
32
26
O
The read strobe to external program
memory, low active.
/EA
31
35
29
I
EA must be kept at low to enable the
device to fetch program code from
external flash memory.
An internal pull-up resistance has been
embedded in this pin.
XTAL1
19
21
15
I
Input to the inverting oscillator amplifier.
XTAL2
18
20
14
O
Output from the inverting amplifier.
VDD
40
44
38
P
Power Supply
VSS
20
22
16
G
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com