Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC89E58A Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce MPC89E58A
Description  8-bit micro-controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MPC89E58A Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MPC89E58A Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 12Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 13Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
MPC89E58A Technical Summary
MEGAWIN
Nonvolatile Registers:
There are two Nonvolatile Registers named OR0 and OR1 individually. They are designed to
configure the MPC89E58A options.
Generally these two nonvolatile registers will be written via a popular NVM writer, say Hi-Lo
System All-11, Leaper-48 and Megawin-Provided MCU writer. Furthermore, the user can
change the NVM register OR1 by his ISP program in a manner as same as he does in writing
the data flash, but OR0 can be written only via an off-line popular NVM writer.
NVM register: OR0 (Option Register 0):
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
-
-
ISPAS1
ISPAS0
-
MOVCL
SB
LOCK
{ISPAS1, ISPAS0}: Used to identify the start address for ISP program
{0, 0}: = The ISP space is from 0xEC00 to 0xFBFF (4K size).
{0, 1}: = The ISP space is from 0xF400 to 0xFBFF (2K size).
{1, 0}: = The ISP space is from 0xF800 to 0xFBFF (1K size)
{1, 1}: = No ISP space.
These two bits decide where the ISP program locates, and how the ISP program and the data flash
shares the 31K embedded flash.
MOVCL:
Used to decide if MOVC instruction will be disabled.
0 :=
MOVC is conditionally disabled.
1 := MOVC is always available.
SB:
Used to decide if the program code will be scrambled while it is dumped.
0 := Code dump from Writer is scrambled.
1 := Code dump from Writer is transparent.
LOCK:
Used to decide if the program code will be locked against the popular writer.
0 := lock code.
1 := does not lock code
If the code is locked, all the data dumped from a popular will always show FFh.
The default value of the OR0 is FFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com