| Moteur de recherche de fiches techniques de composants électroniques |
|
TDPX Fiches technique(PDF) 4 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
TDPX Fiches technique(HTML) 4 Page - ITT Industries |
|
4 / 9 page ![]() + + + + www.ittcannon.com 319 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-81659 Rack and Panel Filter Connectors TDPX Single Gang TDPXB TOP TOP 2.000 (50.80) Two Holes .120 (3.05) Dia. Mfg. Ref. Only .988 + _ .005 (25.09 + _ 0.13) 1.437 + _ .005 (36.50 + _ 0.13) 2.312 (58.72) 1.125 + _ .015 (28.58 + _ 0.38) .120 (3.05) Dia. anc C' Sunk 82˚x.230 (5.84) Dia. 4 Holes 3 Polarizing Posts 3.110 .719 + _ .005 (18.26 + _ 0.13) 1.437 + _ .005 (36.50 + _ 0.13) 2.00 (50.80) 1.612 + _ .005 (40.94 + _ 0.13) .720 + _ .005 (18.29 + _ .013) .188 (4.78)R 2.331 + _ .005 (59.21 + _ 0.13) 2.783 + _ .005 (70.69 + _ 0.13) .766 (19.46) .988 + _ .005 (25.10 + _ 0.13) L* .125 (3.18) .225 (5.72) Max. Two Holes .120 (3.05) Dia. for Mfg. Ref. Only 3 Polarizing Posts 2.468 + _ .005 (62.69 + _ 0.13) .719 + _ .005 (18.26 + _ 0.13) 1.437 + _ .005 (36.50 + _ 0.13) 2.000 (50.80) .720 + _ .005 (18.29 + _ 0.13) 2.783 + _ .005 (70.69 + _ 0.13) 3.075 (78.11) .188 (4.78) R Typ. .060 (1.52) L* .125 (3.18) .225 (5.72) Max. 1.750 + _ .005 4 Mfg. Holes .120 (3.05) Dia. for #4-40 Screws Two Holes .120 (3.05) Dia. for Mfg Ref. Only .188 (4.78)R Typ. 2.062 + _ .006 (52.37 + _ 0.15) 1.750 + _ 0.16 (44.45 + _ 0.15) .120 (3.05) Dia. 4 Mfg. Holes .750 + _ .005 (19.05 + _ 0.13) .125 (3.18)R Typ. 1.754 (44.55) Max. .344 (8.74) .125 (3.18) .225 (5.72) Max. solder pot extentsion .719 + _ .005 (18.26 + _ 0.13) .120 (3.05) Dia. and C' Sunk 82˚x.230 (5.84) Dia. 4 Holes 1.720 + _ .005 (43.69 + _ 0.13) .720 + _ .005 (18.29 + _ 0.13) L* .766 (19.46) .125 (3.18) 135 typ. .225 (5.72) Max. Two Holes .120 (3.05) Dia. for Mfg. Ref. Only 2.012 (51.10) .719 + _ .005 (18.26 + _ 0.13) 1.437 + _ .005 (36.50 + _ 0.13) 1.720 + _ .005 (43.45 + _ 0.13) .720 + _ .005 (18.26 + _ 0.13) .120 (3.05) Dia. 4 Mfg. Holes 2.000 (50.80) 1.750 + _ .005 (44.45 + _ 0.13) .060 (1.52) 1.405 (35.69) L* .125 (3.18) .225 (5.72) Max. 3 Polarizing Posts 2.047 (51.99) 3 Polarizing Posts * This length varies between the limits of 1.750 (44.45) and 1.437 (36.25) depending on the particular construction as determined by contact arrangement. * This length varies between the limits of 1.750 (44.45) and 1.437 (36.25) depending on the particular construction as determined by contact arrangement. 1.612 + _ .005 (4.94 + _ 0.13) 33 ARINC B Shell 34 ARINC B Shell DPXA Shell Style 34B ARINC B Shell 33B ARINC B Shell Two Gang TDPX2 TDPXD |