| Moteur de recherche de fiches techniques de composants électroniques |
|
TDPX Fiches technique(PDF) 3 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
TDPX Fiches technique(HTML) 3 Page - ITT Industries |
|
3 / 9 page ![]() Standard Contact Terminations 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 A2 A1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 A1 1 2 3 4 5 6 7 8 8 8 8 9 9 9 9 10 10 11 11 12 12 13 13 14 14 15 15 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 19 19 16 16 17 17 18 19 18 19 20 20 21 21 22 22 23 23 24 24 25 25 20 21 22 23 24 25 26 26 27 27 28 28 26 27 28 20 21 22 23 24 25 26 27 28 29 29 30 30 31 31 32 32 33 33 34 34 35 35 29 29 30 31 32 33 34 35 36 36 37 37 38 39 38 36 37 38 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 39 40 41 42 39 40 41 42 43 44 45 46 47 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 1 1 1 2 2 2 3 3 3 4 4 4 5 5 5 6 6 6 7 7 7 33 34 35 36 37 38 39 40 1 12 25 39 52 66 79 93 106 13 26 40 53 67 80 94 www.ittcannon.com 318 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-81659 Rack and Panel Filter Connectors TDPX Contact Arrangements Contacts - Pin and Socket Arrangement No. No. of Contacts & Wire Size 32C2 30 #20, 2 coax 40 40 #20 40C1 39 #20, 1 coax 45 45 #20 57 57 #20 67 64 #20, 3 #16 106* 106 #22 26 26 #16 Arrangement No. No. of Contacts & Wire Size Arrangement No. No. of Contacts & Wire Size NOTE: Consult factory for part numbers for special combinations of filter, group contacts and power contacts, and for availability of filter socket contacts, for each contact arrangement. Finish: Gold plate per MIL-G-45204, Type 1, Class 1, over nickel plate per QQ-N-290. A C DIA. B DIA. .025 (0.64) DIA + EXTENSION MAX .025 (0.64) DIA + EXTENSION MAX Pin/Solder Pot Socket/Printed Circuit Pin/Printed Circuit Polarization - Page 34. Contact Size .125 (3.18) .110 (2.79) .170 (4.32) .150 (3.81) .115 (2.92) .095 (2.41) .065 (1.65) .061 (1.55) .103 (2.62) .097 (2.46) .005 (1.40) .051 (1.30) .048 (1.22) .043 (1.09) .200 (5.08), .285 (7.24), .375 (9.52) .200 (5.08), .285 (7.24), .375 (9.52) .200 (5.08), .285 (7.24), .375 (9.52) .078 (1.98) .069 (1.75) .040 (1.02) .036 (0.91) 20 16 22 A B C PC Tail Extension Max. |