Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLF544 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce BLF544
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF544 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button BLF544 Datasheet HTML 6Page - NXP Semiconductors BLF544 Datasheet HTML 7Page - NXP Semiconductors BLF544 Datasheet HTML 8Page - NXP Semiconductors BLF544 Datasheet HTML 9Page - NXP Semiconductors BLF544 Datasheet HTML 10Page - NXP Semiconductors BLF544 Datasheet HTML 11Page - NXP Semiconductors BLF544 Datasheet HTML 12Page - NXP Semiconductors BLF544 Datasheet HTML 13Page - NXP Semiconductors BLF544 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1998 Jan 21
10
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF544
Fig.13 Test circuit for class-B operation.
f = 960 MHz.
handbook, full pagewidth
MDA503
,,,,,,
,,,,,,
,,,,,,
,,,,,,
D.U.T.
BLF544
C3
C8
C2
L1
C1
L4
L8
L5
L9
L10
L3
L2
C19
50
Ω
output
50
Ω
input
+VD
C9
C11
R1
R4
L7
L6
C5
C4
C13
C15
C17
C16
C14
C18
C6
C7
R2
R3
C12
C10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16