Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLF544 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce BLF544
Description  UHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF544 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button BLF544 Datasheet HTML 5Page - NXP Semiconductors BLF544 Datasheet HTML 6Page - NXP Semiconductors BLF544 Datasheet HTML 7Page - NXP Semiconductors BLF544 Datasheet HTML 8Page - NXP Semiconductors BLF544 Datasheet HTML 9Page - NXP Semiconductors BLF544 Datasheet HTML 10Page - NXP Semiconductors BLF544 Datasheet HTML 11Page - NXP Semiconductors BLF544 Datasheet HTML 12Page - NXP Semiconductors BLF544 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1998 Jan 21
9
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF544
Fig.12 Component layout for 500 MHz class-B test circuit.
The circuit and components are situated on one side of the printed circuit board, the other side being fully
metallized, to serve as a ground plane. Earth connections are made by means of copper straps and hollow rivets
for a direct contact between upper and lower sheets.
handbook, full pagewidth
+VD
150
70
C1
R3
C7
R2
R1
C2
C4
C10
C6
C11
C14
C17
L1
L2
L3
L4
L5
L6
L8
L9
C5
C8
C9
C15
C13
R5
C12
L7
C3
MDA501
C16
mounting screw
mounting screw
straps
straps
straps
rivets
straps
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16