Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C0124 Fiches technique(PDF) 21 Page - Norgren Ltd

No de pièce C0124
Description  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C0124 Fiches technique(HTML) 21 Page - Norgren Ltd

Back Button C0124 Datasheet HTML 17Page - Norgren Ltd C0124 Datasheet HTML 18Page - Norgren Ltd C0124 Datasheet HTML 19Page - Norgren Ltd C0124 Datasheet HTML 20Page - Norgren Ltd C0124 Datasheet HTML 21Page - Norgren Ltd C0124 Datasheet HTML 22Page - Norgren Ltd C0124 Datasheet HTML 23Page - Norgren Ltd C0124 Datasheet HTML 24Page - Norgren Ltd C0124 Datasheet HTML 25Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
Pneufit® C series
PUSH-IN fittings, metric
en 9.1.020.21
4/15
Banjo flow control (in)
C0SA0
Ø A
B
C
C1 min. C1 max.E
G
Model
4
R1/8
30,5
35
40
14,5
8
11
C0SA00418
4
R1/4
34,5
40
45,5
18
10
15
C0SA00428
6
R1/8
31
35
40
14,5
8
11
C0SA00618
6
R1/4
35
40
45,5
18
10
15
C0SA00628
6
R3/8
39
46,5
55
21
11
19
C0SA00638
8
R1/8
33
35
40
15,5
8
11
C0SA00818
8
R1/4
37
40
45,5
19
10
15
C0SA00828
8
R3/8
40
46,5
55
21
11
19
C0SA00838
8
R1/2
46
53
60
25
14
24
C0SA00848
10
R1/4
39
40
45,5
20
10
15
C0SA01028
10
R3/8
42
46,5
55
22,5
11
19
C0SA01038
10
R1/2
47,5
53
60
25
14
24
C0SA01048
12
R1/4
41
40
45,5
22
10
15
C0SA01228
12
R3/8
46
46,5
55
23
11
19
C0SA01238
12
R1/2
50
53
60
27
14
24
C0SA01248
Shrouded banjo (out)
C0TB0
Ø A
B
C
C1
E
G
Model
4
R1/8
30,5
31,5
15
8
11
C0TB00418
4
R1/4
34,5
37
18,5
10
15
C0TB00428
6
R1/8
31
31,5
15
8
11
C0TB00618
6
R1/4
35
37
18,5
10
15
C0TB00628
6
R3/8
38,5
43,5
22
11
19
C0TB00638
8
R1/8
33
31,5
16,5
8
11
C0TB00818
8
R1/4
37
37
19,5
10
15
C0TB00828
8
R3/8
40
43,5
22
11
19
C0TB00838
8
R1/2
46
50
26,5
14
24
C0TB00848
10
R1/4
39
37
21
10
15
C0TB01028
10
R3/8
42
43,5
23,5
11
19
C0TB01038
10
R1/2
47,5
50
26,5
14
24
C0TB01048
12
R1/4
41
37
22,5
10
15
C0TB01228
12
R3/8
46
43,5
24
11
19
C0TB01238
12
R1/2
50
50
28
14
24
C0TB01248
C
1
2
B
Shrouded banjo (out)
C0KB0
Banjo flow control (in)
C0L51
Ø A
B
C
C1
E
G
Model
4
M5
25
23
10,5
3,5
8
C0KB00405
4
G1/8
30,5
31,5
15
6
8
C0KB00418
4
G1/4
34,5
37
17,5
8
12
C0KB00428
6
M5
28
23
11,5
3,5
8
C0KB00605
6
G1/8
31
31,5
15
6
8
C0KB00618
6
G1/4
35
37
17,5
8
12
C0KB00628
6
G3/8
38,5
43,5
21
8
14
C0KB00638
8
G1/8
33
31,5
14
6
8
C0KB00818
8
G1/4
37
37
17
8
12
C0KB00828
8
G3/8
40
43,5
21
8
14
C0KB00838
8
G1/2
46
50
23
9
17
C0KB00848
10
G1/4
39
37
19
8
12
C0KB01028
10
G3/8
42
43,5
20
8
14
C0KB01038
10
G1/2
47,5
50
23
9
17
C0KB01048
12
G1/4
41
37
20,5
8
12
C0KB01228
12
G3/8
46
43,5
19
8
14
C0KB01238
12
G1/2
50
50
21,5
9
17
C0KB01248
Ø A
B
C
> C1
< C1
E
G
Model
3
M5
21,5
27
30
9,5
3,5
8
C0L510305
4
M5
25
27
30
10
3,5
8
C0L510405
4
G1/8
30,5
35
40
15
6
8
C0L510418
4
G1/4
34,5
40
45,5
17
8
12
C0L510428
6
M5
28
27
30
11
3,5
8
C0L510605
6
G1/8
31
35
40
15
6
8
C0L510618
6
G1/4
35
40
45,5
17
8
12
C0L510628
6
G3/8
39
46,5
55
21
8
14
C0L510638
8
G1/8
33
35
40
14
6
8
C0L510818
8
G1/4
37
40
45,5
16
8
12
C0L510828
8
G3/8
40
46,5
55
21
8
14
C0L510838
8
G1/2
46
53
60
22,5
9
17
C0L510848
10
G1/4
39
40
45,5
18
8
12
C0L511028
10
G3/8
42
46,5
55
19,5
8
14
C0L511038
10
G1/2
47,5
53
60
22,5
9
17
C0L511048
12
G1/4
41
40
45,5
20
8
12
C0L511228
12
G3/8
46
46,5
55
19
8
14
C0L511238
12
G1/2
50
53
60
21
9
17
C0L511248
C
1
2
B
C
1
2
B
Dimensions in mm
Projection/First angle
1
2
1
2
1
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27