| Moteur de recherche de fiches techniques de composants électroniques |
|
C0124 Fiches technique(PDF) 20 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
C0124 Fiches technique(HTML) 20 Page - Norgren Ltd |
|
20 / 27 page ![]() Pneufit® C series PUSH-IN fittings, metric Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd. en 9.1.020.20 4/15 Triple branch adaptor C0H70 Triple branch adaptor C0C70 Ø A B C E G H J Model 4 R1/8 52 24 8 22,5 18 14 C0H700418 4 R1/4 63 26 10 27,5 22 17 C0H700428 4 R3/8 65 28 11 29 22 21 C0H700438 4 R1/2 74 30,5 14 34 24 24 C0H700448 6 R1/8 52 25 8 22,5 18 14 C0H700618 6 R1/4 63 27 10 27,5 22 17 C0H700628 6 R3/8 65 28,5 11 29 22 21 C0H700638 6 R1/2 74 31 14 34 24 24 C0H700648 8 R1/8 52 27 8 22,5 18 14 C0H700818 8 R1/4 63 30,5 10 27,5 22 17 C0H700828 8 R3/8 65 30,5 11 29 22 21 C0H700838 8 R1/2 74 32,5 14 34 24 24 C0H700848 10 R1/8 52 28,5 8 22,5 18 14 C0H701018 10 R1/4 63 30,5 10 27,5 22 17 C0H701028 10 R3/8 65 32,5 11 29 22 21 C0H701038 10 R1/2 74 35 14 34 24 24 C0H701048 12 R1/4 63 34 10 27,5 22 17 C0H701228 12 R3/8 65 35 11 29 22 21 C0H701238 12 R1/2 74 39 14 34 24 24 C0H701248 Ø A B C E G H J Model 4 G1/8 68 24 5 20,5 18 14 C0C700418 4 G1/4 83 26 6,5 25,5 22 17 C0C700428 4 G3/8 84 28 6,5 26 22 21 C0C700438 4 G1/2 93 30,5 8 29,5 24 24 C0C700448 6 G1/8 68 25 5 20,5 18 14 C0C700618 6 G1/4 83 27 6,5 25,5 22 17 C0C700628 6 G3/8 84 28,5 6,5 26 22 21 C0C700638 6 G1/2 93 31 8 29,5 24 24 C0C700648 8 G1/8 68 27 5 20,5 18 14 C0C700818 8 G1/4 83 30,5 6,5 25,5 22 17 C0C700828 8 G3/8 84 30,5 6,5 26 22 21 C0C700838 8 G1/2 93 32,5 8 29,5 24 24 C0C700848 10 G1/8 68 28,5 5 20,5 18 14 C0C701018 10 G1/4 83 30,5 6,5 25,5 22 17 C0C701028 10 G3/8 84 32,5 6,5 26 22 21 C0C701038 10 G1/2 93 35 8 29,5 24 24 C0C701048 12 G1/4 83 34 6,5 25,5 22 17 C0C701228 12 G3/8 84 35 6,5 26 22 21 C0C701238 12 G 1/2 93 39 8 29,5 24 24 C0C701248 ø A C J H G ø A C J H G Banjo flow control (out) C0TA0 Banjo flow control (out) C0K51 Ø A B C > C1 < C1 E G Model 4 R1/8 30,5 35 40 14,5 8 11 C0TA00418 4 R1/4 34,5 40 45,5 18 10 15 C0TA00428 6 R1/8 31 35 31 14,5 8 11 C0TA00618 6 R1/4 35 40 45,5 18 10 15 C0TA00628 6 R3/8 38,5 46,5 55 21 11 19 C0TA00638 8 R1/8 33 35 40 15,5 8 11 C0TA00818 8 R1/4 37 40 45,5 19 10 15 C0TA00828 8 R3/8 40 46,5 55 21 11 19 C0TA00838 8 R1/2 46 53 60 25 14 24 C0TA00848 10 R1/4 39 40 45,5 20 10 15 C0TA01028 10 R3/8 42 46,5 55 22,5 11 19 C0TA01038 10 R1/2 47,5 53 60 25 14 24 C0TA01048 12 R1/4 41 40 45,5 22 10 15 C0TA01228 12 R3/8 46 46,5 55 23 11 19 C0TA01238 12 R1/2 50 53 60 27 14 24 C0TA01248 Ø A B C > C1 < C1 E G Model 3 M5 21,5 27 30 9,5 3,5 8 C0K510305 4 M5 25 27 30 10 3,5 8 C0K510405 4 G1/8 30,5 35 40 15 6 8 C0K510418 4 G1/4 34,5 40 45,5 17 8 12 C0K510428 6 M5 28 27 30 11 3,5 8 C0K510605 6 G1/8 31 35 40 15 6 8 C0K510618 6 G1/4 35 40 45,5 17 8 12 C0K510628 6 G3/8 38,5 46,5 55 21 8 14 C0K510638 8 G1/8 33 35 40 14 6 8 C0K510818 8 G1/4 37 40 45,5 16 8 12 C0K510828 8 G3/8 40 46,5 55 21 8 14 C0K510838 8 G1/2 46 53 60 22,5 9 17 C0K510848 10 G1/4 39 40 45,5 18 8 12 C0K511028 10 G3/8 42 46,5 55 19,5 8 14 C0K511038 10 G1/2 47,5 53 60 22,5 9 17 C0K511048 12 G1/4 41 40 45,5 20 8 12 C0K511228 12 G3/8 46 46,5 55 19 8 14 C0K511238 12 G1/2 50 53 60 21 9 17 C0K511248 C 1 2 B C 1 2 B Dimensions in mm Projection/First angle 1 2 1 2 |