Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLF522 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BLF522
Description  UHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF522 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BLF522 Datasheet HTML 3Page - NXP Semiconductors BLF522 Datasheet HTML 4Page - NXP Semiconductors BLF522 Datasheet HTML 5Page - NXP Semiconductors BLF522 Datasheet HTML 6Page - NXP Semiconductors BLF522 Datasheet HTML 7Page - NXP Semiconductors BLF522 Datasheet HTML 8Page - NXP Semiconductors BLF522 Datasheet HTML 9Page - NXP Semiconductors BLF522 Datasheet HTML 10Page - NXP Semiconductors BLF522 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
September 1992
7
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF522
Fig.11 Test circuit for class-B operation.
f = 500 MHz.
handbook, full pagewidth
50
Ω
input
50
Ω
output
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
C19
C20
L1
L2
L3
L4
L5
L6
L7
L8
L9
L10
R1
R2
R3
R4
R5
+VDS
DUT
MGA070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12