Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLF522 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BLF522
Description  UHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF522 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button BLF522 Datasheet HTML 2Page - NXP Semiconductors BLF522 Datasheet HTML 3Page - NXP Semiconductors BLF522 Datasheet HTML 4Page - NXP Semiconductors BLF522 Datasheet HTML 5Page - NXP Semiconductors BLF522 Datasheet HTML 6Page - NXP Semiconductors BLF522 Datasheet HTML 7Page - NXP Semiconductors BLF522 Datasheet HTML 8Page - NXP Semiconductors BLF522 Datasheet HTML 9Page - NXP Semiconductors BLF522 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
September 1992
6
Philips Semiconductors
Product specification
UHF power MOS transistor
BLF522
APPLICATION INFORMATION FOR CLASS-B OPERATION
Th = 25 °C; Rth mb-h = 0.4 K/W, unless otherwise specified.
RF performance in a common source class-B circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
IDQ
(mA)
PL
(W)
Gp
(dB)
ηD
(%)
CW, class-B
500
12.5
50
5
> 10
typ. 11
> 50
typ. 55
Ruggedness in class-B operation
The BLF522 is capable of withstanding a full load
mismatch corresponding to VSWR = 50:1 through all
phases under the following conditions:
VDS = 15.5 V; f = 500 MHz at rated output power.
Fig.9
Power gain and efficiency as functions of
load power, typical values.
Class-B operation; VDS = 12.5 V; IDQ = 50 mA;
f = 500 MHz.
handbook, halfpage
0
4
8
12
16
20
0
20
40
60
80
100
34567
η
η
(%)
MRA247
GP
GP
(dB)
PL (W)
Fig.10 Load power as a function of input power,
typical values.
Class-B operation; VDS = 12.5 V; IDQ = 50 mA;
f = 500 MHz.
handbook, halfpage
2
4
6
8
10
0
0.4
0.8
1.2
1.6
0
MRA252
PL
(W)
PIN (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com