Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS9250-27 Fiches technique(PDF) 9 Page - Renesas Technology Corp

No de pièce ICS9250-27
Description  Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-27 Fiches technique(HTML) 9 Page - Renesas Technology Corp

Back Button ICS9250-27 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-27 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
IDTTM
Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
0395F—01/25/10
ICS9250-27
Frequency Generator and Integrated Buffers for Celeron & PII/IIITM
9
Electrical Characteristics - IOAPIC
TA = 0 - 70C; VDDL = 2.5 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP4B
1
VO = VDD*(0.5)
9
21.5
30
Output Impedance
RDSN4B
1
VO = VDD*(0.5)
9
23
30
Output High Voltage
VOH4B
IOH = -1 mA
2
V
Output Low Voltage
VOL4B
IOL = 1 mA
0.4
V
VOH @ MIN = 1.0 V
-27
-68
VOH @ MAX = 2.375 V
-9
-27
VOL @ MIN = 1.2 V
27
54
VOL @ MAX = 0.3 V
11
30
Rise Time
1
tr4B
VOL = 0.4 V, VOH = 2.0 V
0.4
1.1
1.6
ns
Fall Time
1
tf4B
VOH = 2.0 V, VOL = 0.4 V
0.4
1.1
1.6
ns
Duty Cycle
1
dt4B
VT = 1.25 V
45
50
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc4B
VT = 1.25 V
123
500
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH4B
mA
Output Low Current
IOL4B
mA
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 20-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP3
1
VO = VDD*(0.5)
10
14
24
Output Impedance
RDSN3
1
VO = VDD*(0.5)
10
18
24
Output High Voltage
VOH3
IOH = -1 mA
2.4
V
Output Low Voltage
VOL3
IOL = 1 mA
0.4
V
VOH @ MIN = 2.0 V
-54
-92
VOH @ MAX = 3.135 V
-16
-46
VOL @ MIN = 1.0 V
54
68
VOL @ MAX = 0.4 V
29
53
Rise Time
1
tr3
VOL = 0.4 V, VOH = 2.4 V
0.4
1
1.6
ns
Fall Time
1
tf3
VOH = 2.4 V, VOL = 0.4 V
0.4
1.5
1.6
ns
Duty Cycle
1
dt3
VT = 1.5 V
45
52
55
%
Skew window
1
tsk3
VT = 1.5 V
164
250
ps
1Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
Output Low Current
IOH3
IOL3
250
Jitter, Cycle-to-cycle
1
tjcyc-cyc3
ps
VT = 1.5 V, 66, 100 MHz
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com